Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5744 Datasheet(PDF) 47 Page - Microchip Technology

Part # USB5744
Description  4-Port SS/HS USB Controller Hub
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744 Datasheet(HTML) 47 Page - Microchip Technology

Back Button USB5744 Datasheet HTML 43Page - Microchip Technology USB5744 Datasheet HTML 44Page - Microchip Technology USB5744 Datasheet HTML 45Page - Microchip Technology USB5744 Datasheet HTML 46Page - Microchip Technology USB5744 Datasheet HTML 47Page - Microchip Technology USB5744 Datasheet HTML 48Page - Microchip Technology USB5744 Datasheet HTML 49Page - Microchip Technology USB5744 Datasheet HTML 50Page - Microchip Technology USB5744 Datasheet HTML 51Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00001855K-page 47
USB5744
Section 10.1, "Absolute Maximum
Ratings*," on page 32
Updated +1.2V supply voltage absolute max
value. Added HBM ESD performance specifi-
cation.
Table 10-1, “Package Thermal Param-
eters,” on page 33
Added package thermal parameters.
Worldwide Sales and Service
Updated Worldwide Sales Listing
Table 10-4, “I/O DC Electrical Charac-
teristics,” on page 35
Updated I buffer type high input level max.
Added IS buffer type Schmitt trigger hystere-
sis values.
Cover, All
Updated document title to “4-Port SS/HS Con-
troller Hub”
Removed PortMap references.
Removed sentence: ”These circuits are used
to detect the attachment and type of a USB
charger and provide an interrupt output to indi-
cate charger information is available to be
read from the device’s status registers via the
serial interface.“
FIGURE 3-1: 56-VQFN Pin Assign-
ments on page 8
Added configuration strap note under figure.
DS00001855A (12-15-14)
All
Initial Release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com