Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5744 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB5744
Description  4-Port SS/HS USB Controller Hub
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB5744 Datasheet HTML 7Page - Microchip Technology USB5744 Datasheet HTML 8Page - Microchip Technology USB5744 Datasheet HTML 9Page - Microchip Technology USB5744 Datasheet HTML 10Page - Microchip Technology USB5744 Datasheet HTML 11Page - Microchip Technology USB5744 Datasheet HTML 12Page - Microchip Technology USB5744 Datasheet HTML 13Page - Microchip Technology USB5744 Datasheet HTML 14Page - Microchip Technology USB5744 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00001855K-page 11
USB5744
TABLE 3-3:
USB 3.2 GEN 1 PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
1
USB3UP_TXDP
IO-U
USB 3.2 Gen 1 upstream SuperSpeed transmit data plus.
1
USB3UP_TXDM
IO-U
USB 3.2 Gen 1 upstream SuperSpeed transmit data minus.
1
USB3UP_RXDP
IO-U
USB 3.2 Gen 1 upstream SuperSpeed receive data plus.
1
USB3UP_RXDM
IO-U
USB 3.2 Gen 1 upstream SuperSpeed receive data minus.
4
USBDN_TXDP[4:1]
IO-U
USB 3.2 Gen 1 downstream ports 4-1 SuperSpeed transmit data plus.
Note:
If unused, leave floating.
4
USBDN_TXDM[4:1]
IO-U
USB 3.2 Gen 1 downstream ports 4-1 SuperSpeed transmit data
minus.
Note:
If unused, leave floating.
4
USBDN_RXDP[4:1]
IO-U
USB 3.2 Gen 1 downstream ports 4-1 SuperSpeed receive data plus.
Note:
If unused, leave floating.
4
USBDN_RXDM[4:1]
IO-U
USB 3.2 Gen 1 downstream ports 4-1 SuperSpeed receive data
minus.
Note:
If unused, leave floating.
TABLE 3-4:
USB 2.0 PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
1
USB2UP_DP
IO-U
USB 2.0 upstream data plus (D+).
1
USB2UP_DM
IO-U
USB 2.0 upstream data minus (D-).
4
USB2DN_DP[4:1]
IO-U
USB 2.0 downstream ports 4-1 data plus (D+).
PRT_DIS_P[4:1]
I
Port 4-1 D+ Disable Configuration Strap.
These configuration straps are used in conjunction with the corre-
sponding PRT_DIS_M[4:1] straps to disable the related port (4-1).
Refer to Section 3.4.2, "Port Disable Configuration (PRT_DIS_P[4:1] /
PRT_DIS_M[4:1])" for more information.
See Note 2.
4
USB2DN_DM[4:1]
IO-U
USB 2.0 downstream ports 4-1 data minus (D-).
PRT_DIS_M[4:1]
I
Port 4-1 D- Disable Configuration Strap.
These configuration straps are used in conjunction with the corre-
sponding PRT_DIS_P[4:1] straps to disable the related port (4-1).
Refer to Section 3.4.2, "Port Disable Configuration (PRT_DIS_P[4:1] /
PRT_DIS_M[4:1])" for more information.
See Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com