Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5474BCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5474BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5474BCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5474BCZ Datasheet HTML 6Page - Analog Devices ADRF5474BCZ Datasheet HTML 7Page - Analog Devices ADRF5474BCZ Datasheet HTML 8Page - Analog Devices ADRF5474BCZ Datasheet HTML 9Page - Analog Devices ADRF5474BCZ Datasheet HTML 10Page - Analog Devices ADRF5474BCZ Datasheet HTML 11Page - Analog Devices ADRF5474BCZ Datasheet HTML 12Page - Analog Devices ADRF5474BCZ Datasheet HTML 13Page - Analog Devices ADRF5474BCZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADRF5474
THEORY OF OPERATION
analog.com
Rev. 0 | 11 of 14
The ADRF5474 incorporates a 4-bit fixed attenuator array that
offers an attenuation range of 22 dB in 2 dB steps. An integrated
driver provides parallel mode control of the attenuator array.
The ADRF5474 has four digital control inputs, D2 (LSB) to D5
(MSB), to select the desired attenuation state in parallel mode, as
shown in Figure 23. Internally, there are two 8 dB stages, and these
stages can be controlled by the D4 and D5 pins.
POWER SUPPLY
The ADRF5474 requires a positive supply voltage applied to the
VDD pad and a negative supply voltage applied to the VSS pad.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The power-up sequence is as follows:
1. Connect GND.
2. Power up the VDD and VSS voltages. Power up VSS after VDD to
avoid current transients on VDD during ramp up.
3. Power up the digital control inputs. The order of the digital
control inputs is not important. However, powering the digital
control inputs before the VDD voltage supply can inadvertently
forward bias and damage the internal ESD structures. To avoid
this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pad.
4. Apply an RF input signal to ATTIN or ATTOUT.
The power-down sequence is the reverse order of the power-up
sequence.
Power-Up State
The ADRF5474 has an internal pull-up resistor (see Figure 6).
The internal pull-up resistor sets the attenuator to the maximum
attenuation state (22 dB) when the VDD and VSS voltages are
applied.
RF INPUT AND OUTPUT
Both RF ports (ATTIN and ATTOUT) are dc-coupled to 0 V. No dc
blocking is required at the RF ports when the RF line potential is
equal to 0 V.
The ADRF5474 supports bidirectional operation at a lower power
level. The power handling of the ATTIN and ATTOUT ports are
different. Therefore, the bidirectional power handling is defined by
the ATTOUT port. Refer to the RF input power specifications in
Table 1.
Table 7. Truth Table
Digital Control Input1
Attenuation State (dB)
D52
D42
D3
D2
Low
Low
Low
Low
0 (reference)
Low
Low
Low
High
2.0
Low
Low
High
Low
4.0
Low
Low
High
High
6.0
Low
High
Low
Low
8.0
Low
High
Low
High
10.0
Low
High
High
Low
12.0
Low
High
High
High
14.0
High
High
Low
Low
16.0
High
High
Low
High
18.0
High
High
High
Low
20.0
High
High
High
High
22.0
1 Any combination of the control voltage input states shown in this table provides an attenuation equal to the sum of the bits selected.
2 D4 and D5 both correspond to the 8 dB state. D4 has slightly better state accuracy at higher frequencies.
Figure 23. Simplified Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com