Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5474BCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5474BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5474BCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5474BCZ Datasheet HTML 6Page - Analog Devices ADRF5474BCZ Datasheet HTML 7Page - Analog Devices ADRF5474BCZ Datasheet HTML 8Page - Analog Devices ADRF5474BCZ Datasheet HTML 9Page - Analog Devices ADRF5474BCZ Datasheet HTML 10Page - Analog Devices ADRF5474BCZ Datasheet HTML 11Page - Analog Devices ADRF5474BCZ Datasheet HTML 12Page - Analog Devices ADRF5474BCZ Datasheet HTML 13Page - Analog Devices ADRF5474BCZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Data Sheet
ADRF5474
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 14
PARALLEL MODE INTERFACE
The ADRF5474 has four digital control inputs, D2 (LSB) to D5
(MSB), to select the desired attenuation state in parallel mode, as
shown in Table 7.
There are two modes of parallel operation: direct parallel and
latched parallel.
Direct Parallel Mode
To enable direct parallel mode, keep the LE pad high. To change
the attenuation state, use the control voltage inputs (D2 to D5)
directly. Direct parallel mode is for manual control of the attenuator.
Latched Parallel Mode
To enable latched parallel mode, the LE pad must be kept low when
changing the control voltage inputs (D2 to D5) to set the attenuation
state. When the desired state is set, toggle LE high to transfer
the 4-bit data to the bypass switches of the attenuator array, and
then toggle LE low to latch the change into the device until the
next desired attenuation change (see Figure 24 and Table 2 for
additional information).
Figure 24. Latched Parallel Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com