Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5474BCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5474BCZ
Description  Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5474BCZ Datasheet(HTML) 1 Page - Analog Devices

  ADRF5474BCZ Datasheet HTML 1Page - Analog Devices ADRF5474BCZ Datasheet HTML 2Page - Analog Devices ADRF5474BCZ Datasheet HTML 3Page - Analog Devices ADRF5474BCZ Datasheet HTML 4Page - Analog Devices ADRF5474BCZ Datasheet HTML 5Page - Analog Devices ADRF5474BCZ Datasheet HTML 6Page - Analog Devices ADRF5474BCZ Datasheet HTML 7Page - Analog Devices ADRF5474BCZ Datasheet HTML 8Page - Analog Devices ADRF5474BCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
ADRF5474
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 10 MHz to 60 GHz
►
Attenuation range: 22 dB with 2 dB steps
►
Bond pads for wire bond and ribbon bond
►
Low insertion loss
►
1.3 dB typical up to 20 GHz
►
2.0 dB typical up to 44 GHz
►
2.7 dB typical up to 55 GHz
►
Attenuation accuracy
►
±(0.3 + 1.0% of attenuation state) typical up to 20 GHz
►
±(0.4 + 4.0% of attenuation state) typical up to 44 GHz
►
±(0.4 + 6.0% of attenuation state) typical up to 55 GHz
►
Typical step error
►
±0.30 dB typical up to 20 GHz
►
±0.65 dB typical up to 44 GHz
►
±1.10 dB typical up to 55 GHz
►
High input linearity
►
P0.1dB: 25.5 dBm typical
►
IP3: 45 dBm typical
►
High RF power handling
►
23 dBm steady state and hot switching, average
►
24 dBm steady state and hot switching, peak
►
Tight distribution in relative phase
►
No low frequency spurious signals
►
Parallel mode control, CMOS/LVTTL compatible
►
RF amplitude settling time (0.1 dB of final RF output): 175 ns
►
16-pad, 2.770 mm × 1.620 mm, die on carrier [CHIP]
APPLICATIONS
►
Industrial scanners
►
Test and instrumentation
►
Cellular infrastructure: 5G millimeterwave
►
Military radios, radars, electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5474 is a 4-bit digital attenuator with 22 dB attenuation
control range in 2 dB steps manufactured in a silicon process
attached on a gallium arsenide (GaAs) carrier substrate. The sub-
strate incorporates the bond pads for chip and wire assembly, and
the bottom of the device is metalized and connected to ground.
This device operates from 10 MHz to 60 GHz with better than
2.7 dB of insertion loss and excellent attenuation accuracy at
55 GHz. The ADRF5474 has a RF input power handling capability
of 23 dBm average and 24 dBm peak for all states.
The ADRF5474 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device features parallel mode control, and complemen-
tary metal-oxide semiconductor (CMOS)-/low voltage transistor to
transistor logic (LVTTL)-compatible controls.
The ADRF5474 is designed to match a characteristic impedance of
50 Ω.


Similar Part No. - ADRF5474BCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5473 AD-ADRF5473 Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5473BCZ AD-ADRF5473BCZ Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5473BCZ-GP AD-ADRF5473BCZ-GP Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5473BCZ-SX AD-ADRF5473BCZ-SX Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
More results

Similar Description - ADRF5474BCZ

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
ADRF5473 AD-ADRF5473 Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com