Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002T/KDX Datasheet(PDF) 53 Page - Microchip Technology

Part # USB7002T/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T/KDX Datasheet(HTML) 53 Page - Microchip Technology

Back Button USB7002T/KDX Datasheet HTML 48Page - Microchip Technology USB7002T/KDX Datasheet HTML 49Page - Microchip Technology USB7002T/KDX Datasheet HTML 50Page - Microchip Technology USB7002T/KDX Datasheet HTML 51Page - Microchip Technology USB7002T/KDX Datasheet HTML 52Page - Microchip Technology USB7002T/KDX Datasheet HTML 53Page - Microchip Technology USB7002T/KDX Datasheet HTML 54Page - Microchip Technology USB7002T/KDX Datasheet HTML 55Page - Microchip Technology USB7002T/KDX Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002670G-page 53
USB7002
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
[X]
XXX
Package
Temperature
Range
Device
Device:
USB7002
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel (Note 1)
Temperature
Range:
Blank =
0
C to +70C
(Commercial)
I= -40
C to +85C
(Industrial/Automotive Grade 3)
Package:
KDX
= 100-pin VQFN
Automotive Code:
Vxx
= 3 character code with “V” prefix,
specifying automotive product.
Examples:
a)
USB7002/KDX
Tray, 0°C to +70°C, 100-pin VQFN
b)
USB7002T/KDX
Tape & reel, 0°C to +70°C, 100-pin VQFN
c)
USB7002-I/KDX
Tray, -40°C to +85°C, 100-pin VQFN
d)
USB7002T-I/KDX
Tape & reel, -40°C to +85°C, 100-pin VQFN
e)
USB7002-I/KDXVAO
Tray, -40°C to +85°C, Automotive Grade 3,
100-pin VQFN
f)
USB7002T-I/KDXVAO
Tape & reel, -40°C to +85°C, Automotive Grade 3,
100-pin VQFN
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
[X](1)
Tape and Reel
Option
-
/
XXX
Automotive
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com