Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002T/KDX Datasheet(PDF) 13 Page - Microchip Technology

Part # USB7002T/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T/KDX Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB7002T/KDX Datasheet HTML 9Page - Microchip Technology USB7002T/KDX Datasheet HTML 10Page - Microchip Technology USB7002T/KDX Datasheet HTML 11Page - Microchip Technology USB7002T/KDX Datasheet HTML 12Page - Microchip Technology USB7002T/KDX Datasheet HTML 13Page - Microchip Technology USB7002T/KDX Datasheet HTML 14Page - Microchip Technology USB7002T/KDX Datasheet HTML 15Page - Microchip Technology USB7002T/KDX Datasheet HTML 16Page - Microchip Technology USB7002T/KDX Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002670G-page 13
USB7002
Downstream
Port 1 Type-C
CC2
DP1_CC2
I/O12
Used for Type-C attach and orientation detection on Port
1. Includes configurable Rp/Ra selection. Connect this
pin directly to the CC2 pin of the respective Type-C con-
nector.
Downstream
Port 2 Type-C
Voltage Monitor
DP2_VBUS_MON
I/O12
Used for detect Type-C VBUS vSafe5V and vSafe0V
states on Port 2. A potential divider is needed for this pin
(44.2 k
to 49.9 k, 1.0%).
Downstream
Port 2 Type-C
CC1
DP2_CC1
I/O12
Used for Type-C attach and orientation detection on Port
2. Includes configurable Rp/Ra selection. Connect this
pin directly to the CC1 pin of the respective Type-C con-
nector.
Downstream
Port 2 Type-C
CC2
DP2_CC2
I/O12
Used for Type-C attach and orientation detection on Port
2. Includes configurable Rp/Ra selection. Connect this
pin directly to the CC2 pin of the respective Type-C con-
nector.
Upstream
Type-C CC1
CC1_UP
I/O12
Used for Type-C attach and orientation detection.
Includes configurable Rp/Ra selection.
Upstream
Type-C CC2
CC2_UP
I/O12
Used for Type-C attach and orientation detection.
Includes configurable Rp/Ra selection.
Upstream
Type-C Voltage
Monitor
VBUS_MON_UP
I/O12
Used to detect Type-C VBUS vSafe5V and vSafe0V
states on the upstream port. A potential divider is
needed for this pin (44.2 k
to 49.9 k, 1.0%).
Miscellaneous
Programmable
Function Pins
PF[31:4]
I/O12
Programmable function pins.
Refer to Section 3.3, Configuration Straps and Program-
mable Functions for details.
Reset Input
RESET_N
IS
This active low signal is used by the system to reset the
device.
Bias Resistor
RBIAS
I-R
A 12.0 k
 1.0% resistor is attached from ground to this
pin to set the transceiver’s internal bias settings. Place
the resistor as close the device as possible with a dedi-
cated, low impedance connection to the ground plane.
Test 1
TEST1
A
Test 1 pin.
This signal is used for test purposes and must always
be pulled-up to 3.3V via a 4.7 k
resistor.
Test 2
TEST2
A
Test 2 pin.
This signal is used for test purposes and must always
be pulled-down to ground via a 4.7 k
resistor.
Test 3
TEST3
A
Test 3 pin.
This signal is used for test purposes and must always
be pulled-down to ground via a 4.7 k
resistor.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com