Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002T/KDX Datasheet(PDF) 14 Page - Microchip Technology

Part # USB7002T/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T/KDX Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB7002T/KDX Datasheet HTML 10Page - Microchip Technology USB7002T/KDX Datasheet HTML 11Page - Microchip Technology USB7002T/KDX Datasheet HTML 12Page - Microchip Technology USB7002T/KDX Datasheet HTML 13Page - Microchip Technology USB7002T/KDX Datasheet HTML 14Page - Microchip Technology USB7002T/KDX Datasheet HTML 15Page - Microchip Technology USB7002T/KDX Datasheet HTML 16Page - Microchip Technology USB7002T/KDX Datasheet HTML 17Page - Microchip Technology USB7002T/KDX Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
USB7002
DS00002670G-page 14
 2022 Microchip Technology Inc. and its subsidiaries
Test
TESTEN
I/O12
Test pin.
This signal is used for test purposes and must always
be connected to ground.
Analog Test
ATEST
A
Analog test pin.
This signal is used for test purposes and must either be
left unconnected or tied to ground.
External 25 MHz
Crystal Input
XTALI
ICLK
External 25 MHz crystal input
External 25 MHz
Reference Clock
Input
CLKIN
ICLK
External reference clock input.
The device may alternatively be driven by a single-
ended clock oscillator. When this method is used,
XTALO should be left unconnected.
External 25 MHz
Crystal Output
XTALO
OCLK
External 25 MHz crystal output
Configuration Straps
Port 4-1 D+
Disable
Configuration
Strap
PRT_DIS_P[4:1]
I
Port 4-1 D+ Disable Configuration Strap.
These configuration straps are used in conjunction with
the corresponding PRT_DIS_M[4:1] straps to disable
the related port (4-1). See Note 3-1.
Both USB data pins for the corresponding port must be
tied to 3.3V to disable the associated downstream port.
Port 4-1 D-
Disable
Configuration
Strap
PRT_DIS_M[4:1]
I
Port 4-1 D- Disable Configuration Strap.
These configuration straps are used in conjunction with
the corresponding PRT_DIS_P[4:1] straps to disable the
related port (4-1). See Note 3-1.
Both USB data pins for the corresponding port must be
tied to 3.3V to disable the associated downstream port.
Non-Removable
Ports
Configuration
Strap
CFG_NON_REM
I
Non-Removable Ports Configuration Strap.
This configuration strap controls the number of reported
non-removable ports. See Note 3-1.
Battery Charging
Configuration
Strap
CFG_BC_EN
I/O12
Battery Charging Configuration Strap.
This configuration strap controls the number of BC 1.2
enabled downstream ports. See Note 3-1.
Device Mode
Configuration
Straps 3-1
CFG_STRAP[3:1]
I
Device Mode Configuration Straps 3-1.
These configuration straps are used to select the
device’s mode of operation. See Note 3-1.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com