Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002T-I/KDX Datasheet(PDF) 41 Page - Microchip Technology

Part # USB7002T-I/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T-I/KDX Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB7002T-I/KDX Datasheet HTML 37Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 38Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 39Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 40Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 41Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 42Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 43Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 44Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002670G-page 41
USB7002
9.4
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.
TABLE 9-2:
DEVICE POWER CONSUMPTION
Typical (mA)
Typical Power
VDD12
VDD33
(mW)
Global Suspend
10
11
48.3
No VBUS
9
11
47.1
Reset/Standby
3
0
5
Idle
63
20
140
Active Idle
447
62
741
SuperSpeed Active Operation
2 SuperSpeed Active Ports
465
56
743
1 SuperSpeed Active Port
358
44
576
Hi-Speed Active Operation
4 Hi-Speed Active Ports
67
49
241
3 Hi-Speed Active Ports
66
41
215
2 Hi-Speed Active Ports
64
32
181
1 Hi-Speed Active Port
63
28
168
Full-Speed Active Operation
4 Full-Speed Active Ports
62
31
178
3 Full-Speed Active Ports
62
30
174
2 Full-Speed Active Ports
62
30
173
1 Full-Speed Active Port
62
29
172
Mixed SuperSpeed / Hi-Speed Active Operation
2 SS / 2 HS Active Ports
440
64
738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com