Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002T-I/KDX Datasheet(PDF) 51 Page - Microchip Technology

Part # USB7002T-I/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T-I/KDX Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB7002T-I/KDX Datasheet HTML 47Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 48Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 49Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 50Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 51Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 52Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 53Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 54Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002670G-page 51
USB7002
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002670G (03-03-22)
Cover
Power USB-IF Certified bullet modified.
Section 3.1, Pin Assignments
Pin reset states updated for pins 37-43, and
81-88.
Table 3-1, "Pin Descriptions"
Value updated from 44.2 k to 43 k for Down-
stream Port 1 Type-C Voltage Monitor.
Section 8.3, CC Pin Orientation and
Detection
Updated last paragraph for clarity.
DS00002670F (08-03-20)
USB Implementation Forum numbering update: “USB 3.1” changed to “USB 3.2”; title
modified.
Section 3.1, Pin Assignments
Pin reset states added to table.
Section 9.0, Operational Characteris-
tics
Note added following Figure 9-1: “The Power
Supply Rise time requirement does not apply
if the RESET_N signal is held low during
power on and released after power levels rise
and stabilize above the power on thresholds,
or if the RESET_N signal is toggled after
power supplies become stable.”
Section 9.2, Operating Conditions**
• +1.2 V Supply Voltage Rise Time >
Increased from 400us to 5ms
• +3.3 V Supply Voltage Rise Time >
Increased from 400us to 5ms
Table 9-3, "I/O DC Electrical Charac-
teristics"
Note 4 deleted, replaced with 0.9V in both
instances.
DS00002670E (04-02-20)
• Sales Listing page updated
• Chapter 3, Revision Level in footer corrected
• Trademark symbol corrected
DS00002670D (08-13-19)
Section 2.1, General Description
Document Title
Key Benefits on cover
• Updated last sentence of the first para-
graph for greater clarity.
• Title modified changing “Controller” to
“PD Smart”
• “USB Power Delivery Billboard Device
Support” bullet removed
• Added TID data
Table 3-5, Table 3-6
• Changed PF15 from PRT_CTL3 to
PRT_CTL2
• Changed PF16 from PRT_CTL2 to
PRT_CTL3
• Updated programmable functions
descriptions table to match new assigned
PRT_CTLx and PRT_CTLx_U3 numbers.
Section 3.4, Physical and Logical Port
Mapping
Added new section with physical and logical
port mapping.
Figure 2-1
Updated internal PHY numbering to match
physical port numbering detailed in new
Section 3.4, Physical and Logical Port Map-
ping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com