Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002T-I/KDX Datasheet(PDF) 7 Page - Microchip Technology

Part # USB7002T-I/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T-I/KDX Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB7002T-I/KDX Datasheet HTML 3Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 4Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 5Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 6Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 7Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 8Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 9Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 10Page - Microchip Technology USB7002T-I/KDX Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002670G-page 7
USB7002
VariSense, which controls the Hi-Speed USB receiver sensitivity enabling programmable levels of USB signal receive
sensitivity. This capability allows operation in a sub-optimal system environment, such as when a captive USB cable is
used.
The USB7002 can be configured for operation through internal default settings. Custom OEM configurations are sup-
ported through external SPI ROM or internal OTP ROM. All port control signal pins are under firmware control in order
to allow for maximum operational flexibility and are available as GPIOs for customer specific use.
The USB7002 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature ranges. An internal
block diagram of the USB7002 in an upstream Type-C application is shown in Figure 2-1.
FIGURE 2-1:
USB7002 INTERNAL BLOCK DIAGRAM - UPSTREAM TYPE-C APPLICATION
Hub Controller Logic
I2C/SMB
I
2C from Master
25 Mhz
USB3 USB2
P4
A
USB7002
PHY0
+3.3 V
+1.2 V
P3
A
PHY4
PHY2
PHY1
PHY2
B
PHY1
A
P1
C
CC
PHY3
PHY4
B
PHY3
A
P2
C
CC
Hub Feature Controller
GPIO SMB
OTP
SPI
HFC
PHY
I2S
UART
PHY5
B
PHY0
A
CC
P0
C
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com