Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP42001 Datasheet(PDF) 1 Page - M-pulse Microwave Inc.

Part # MP42001
Description  Silicon Bipolar Low Noise Microwave Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP42001 Datasheet(HTML) 1 Page - M-pulse Microwave Inc.

  MP42001 Datasheet HTML 1Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 2Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 3Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 4Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 5Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 6Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
1
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Silicon Bipolar Low Noise
Microwave Transistors
MP42001
Features
• Low Noise Figure (.8dB Typical @ 60 MHz)
• Large Dynamic Range (+25dBm @ 1Db Compression
Point)
• Gold Metalization
• Hermetic and Surface Mount Packages Available
• Can be Screened to JANTX, JANTXV Equivalent Levels
• Low 1/f Noise (1.0dB Typical @ 10 KHz)
Description
This series of NPN silicon transistors is designed to
provide the low noise figure at frequencies from 10 to
1000 MHz. These transistors exhibit excellent noise
figure vs. current characteristics which results in
extremely
low noise
and
wide
dynamic
range
performance. These transistors find wide application in
sophisticated radar and communications equipment at
VHF/UHF.
Applications
The MP42001 family of bipolar NPN transistors can be
used for low noise, high associated gain. large dynamic
range amplifiers up to approximately 1.0 GHz. These
transistors can also be used as preamplifier or driver
stages in the same frequency range.
Case Styles
Micro-X


Similar Part No. - MP42001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP42001ABS VISHAY-MP42001ABS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP42001AT1 VISHAY-MP42001AT1 Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP42001AWS VISHAY-MP42001AWS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP42001BBS VISHAY-MP42001BBS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP42001BT1 VISHAY-MP42001BT1 Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
More results

Similar Description - MP42001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B12V105 ETC-B12V105 Datasheet
48Kb / 8P
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
logo
M-pulse Microwave Inc.
2N2857 MPLUSE-2N2857 Datasheet
127Kb / 4P
Silicon Bipolar Low Noise microwave Transistors
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
Silicon Bipolar High fT Low Noise Microwave Transistors
MP4T6365 MPLUSE-MP4T6365 Datasheet
109Kb / 8P
Low OperatingVoltage, High fT Bipolar Microwave Transistors
MP42141 MPLUSE-MP42141 Datasheet
128Kb / 5P
Silicon Bipolar Low Noise Microwave Transistors
logo
List of Unclassifed Man...
B12V114 ETC1-B12V114 Datasheet
42Kb / 7P
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
BRF610 ETC1-BRF610 Datasheet
32Kb / 4P
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
BRF504 ETC1-BRF504 Datasheet
13Kb / 1P
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
logo
AVAGO TECHNOLOGIES LIMI...
AT-41511 AVAGO-AT-41511 Datasheet
143Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free
logo
Infineon Technologies A...
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com