Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP42001 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP42001
Description  Silicon Bipolar Low Noise Microwave Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP42001 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP42001 Datasheet HTML 1Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 2Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 3Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 4Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 5Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 6Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Silicon Bipolar High fT Low Noise Microwave Transistors
MP42001 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
3
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Electrical Specifications @ 25
°C
MP42001 Series
Parameter
Condition
Symbol
Min
Typical
Max
Units
Collector Cut-off Current
VCB = 10 volts
ICBO
10
nA
IE = 0
µA
Emitter Cut-off Current
VEB = 1 volt
IEBO
1
µA
IC = 0
µA
Forward Current Gain
VCE = 8 volts
hFE
30
125
250
IC = 7 mA
Collector-Base
Junction Capacitance
VCB = 15 volts
f = 1 MHz
CCB
----
1.7
1.3
1.2
pF (509)
pF (510)
pF (511)
Typical Scattering Parameters in the TO-72 Can Package
MP42001-509, VCE = 10 Volts, IC = 5 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
110
0.667
-83
8.74
122.6
0.040
48.9
0.765
-21.7
200
0.551
-116
6.02
104.7
0.054
45.7
0.649
-25.8
300
0.496
-138
4.32
92.4
0.064
48.1
0.597
-28.4
400
0.475
-155
3.45
83.1
0.070
50.9
0.578
-30.7
500
0.466
-167
2.79
75.0
0.080
55.8
0.570
-32.4
600
0.467
-178
2.38
69.1
0.088
59.9
0.551
-35.6
700
0.470
174
2.13
62.1
0.098
63.3
0.528
-38.6
800
0.474
167
1.87
57.3
0.114
65.4
0.511
-44.3
900
0.469
161
1.72
52.4
0.127
67.1
0.506
-50.4
1000
0.464
153
1.58
46.3
0.145
70.0
0.503
-56.4
MP42001-510, VCE = 10 Volts, IC = 60 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
100
0.76
-143
30.01
111
0.01
45
0.49
-30
200
0.80
-164
14.54
96
0.01
43
0.34
-22
300
0.81
-174
8.81
86
0.02
46
0.32
-20
400
0.82
-178
6.38
80
0.02
50
0.31
-21
500
0.84
178
4.92
75
0.02
56
0.31
-23
600
0.82
174
4.11
68
0.03
59
0.32
-26
700
0.82
172
3.38
63
0.03
63
0.32
-29
800
0.85
168
2.82
58
0.03
61
0.33
-33
900
0.92
172
2.32
59
0.03
64
0.34
-37
1000
0.83
162
2.28
49
0.04
64
0.35
-40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com