Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP42001 Datasheet(PDF) 2 Page - M-pulse Microwave Inc.

Part # MP42001
Description  Silicon Bipolar Low Noise Microwave Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP42001 Datasheet(HTML) 2 Page - M-pulse Microwave Inc.

  MP42001 Datasheet HTML 1Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 2Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 3Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 4Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 5Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 6Page - M-pulse Microwave Inc. MP42001 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Silicon Bipolar High fT Low Noise Microwave Transistors
MP42001 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
2
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Absolute Maximum Ratings
MP42001 Series
Collector-Base Voltage
VCBO
20 V
Collector-Emitter Voltage
VCEO
15 V
Emitter-Base Voltage
VEBO
1.5 V
Collector Current
IC
125 mA
Junction Operating Temperature
Tj
200
°C
Storage Temperature
Chip or Ceramic Packages
-65
°C to +200°C
Plastic Packages
-65
°C to +125°C
Total Power Dissipation at 25
°C
509 Case Style
450 mW
510 Case Style
1.2 W
35 Case Style
750 mW
Electrical Specifications @ 25
°C
MP42001 Series
Parameter of Test
Condition
Symbol
Units
MP4200100
Chip
MP4200135
Micro-X
MP42001-509
TO-72
Gain Bandwidth Product
VCE = 10 volts
fT
GHz
2.3 typ
1.5 typ
1.5 typ
IC = 35 mA
Insertion Power Gain
VCE = 10 volts
|S21E|
2
dB
IC = 28 mA
f = 100 MHz
30 typ
29 typ
26 typ
f = 450 MHz
16 typ
14 min
12 min
Noise Figure
VCE = 10 volts
NF
dB
IC = 5 mA
f = 60 MHz
1.2 typ
1.4 typ
1.5 typ
f = 450 GHz
1.7 typ
1.9 typ
2.3 typ
Unilateral Gain
VCE = 10 volts
GTU (max)
dB
IC = 5 mA
f = 60 MHz
30 typ
28 typ
28 typ
Power Out at 1 dB
VCE = 10 volts
P1dB
dBm
Compression
IC = 10 mA
Z=50 Ohms
f = 60 MHz
N/A
+5 typ
+7 typ
f = 450 MHz
N/A
+2 typ
+4 typ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com