Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETZ4IN1 Datasheet(PDF) 4 Page - Maxtena Inc.

Part # NETZ4IN1
Description  CELLULAR/LTE/MIMO/WIFI ANTENNA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.

NETZ4IN1 Datasheet(HTML) 4 Page - Maxtena Inc.

  NETZ4IN1 Datasheet HTML 1Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 2Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 3Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 4Page - Maxtena Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MOUNTING HOLE
MAX.TORQUE = 6 N*M
25
NOTES:
1.
GAIN: 3.3dBi
2.
INPUT POWER: 25W.
3.
IMPEDANCE: 50 Ω.
4.
CONNECTOR: SMA-MALE. OTHER CONNECTORS AVAILABLE.
5.
TEMPERATURE: -40 °C TO +85 °C.
6.
INGRESS PROTECTION: IP67, IP69, IK09.
REV
BY
A
DRAWING REVISION HISTORY
DESCRIPTION
DATE
INITIAL RELEASE
2020-11-06 QZ
REV
ITEM 100-00141-01 REVISION HISTORY
DESCRIPTION
DATE
BY
D
C
B
A
A
B
C
D
1
2
3
4
8
7
6
5
8
7
6
3
2
1
DIMENSIONS ARE IN MM
TOLERANCES:
FRACTIONAL ±
ANGULAR: MACH ± 0.5° BEND ±
INTEGER ± 2
INTERPRET GEOMETRIC
TOLERANCING PER:
DRAWN
CHECKED
ENG APPR.
MFG APPR.
Q.A.
DATE
NAME
SIZE
DWG. NO.
REV
UNLESS OTHERWISE SPECIFIED:
A
ZX
2020-11-10 TITLE:
QZ
2020-11-06
SHEET 1 OF 1
B 117-00363-01
DO NOT SCALE DRAWING
CAGE CODE: 5KQH7
SCALE: NONE
A
INITIAL RELEASE
2020-11-06 QZ
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF MAXTENA, INC. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT THE WRITTEN PERMISSION OF MAXTENA, INC IS PROHIBITED.
MAXTENA, INC
CAD MAINTAINED.
CHANGES SHALL BE
INCORPORATED BY
THE DESIGN ACTIVITY.
100-00142-01
NETZ 4 IN 1
THIRD ANGLE PROJECTION
NPC
2020-11-12
CABLE 1: CELLULAR/LTE
CABLE 2: CELLULAR/LTE
CABLE 3: 2.4/5.0 GHZ
WIFI
CABLE 4: 2.4/5.0 GHZ
WIFI
CUSTOMIZABLE CABLE AND CONNECTORS
M27X1.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com