Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETZ4IN1 Datasheet(PDF) 2 Page - Maxtena Inc.

Part # NETZ4IN1
Description  CELLULAR/LTE/MIMO/WIFI ANTENNA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.

NETZ4IN1 Datasheet(HTML) 2 Page - Maxtena Inc.

  NETZ4IN1 Datasheet HTML 1Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 2Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 3Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 4Page - Maxtena Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Maxtena Inc.
7361 Calhoun Place, Suite 102
Rockville, MD 20855
1-877-629-8362
info@maxtena.com
www.maxtena.com
WIRELESS INNOVATIONS COMPANY
Parameter
Specification
Mounting Type
Screw Mount
Dimensions (mm)
96 x 96 x 94
Radome Type
ASA UV Stable
Radome Color
Black or White
Antenna Base
ASA UV Stable
Operating Temperature (C)
-40 to +85
Storage Temperature (C)
-40to +85
Ingress Protection
IP67, IP69, IK09
Substance Compliance
RoHS
Mechanical Specifications
Parameter
Specification
Standards
WiFi, BT, ZigBee, WIFI
Band (MHz)
2.4 GHz
5.0 GHz
Frequency (MHz)
2410-2490
4920-5925
Return Loss (dB)
-12.6
-14.4
VSWR
1.6:1
1.5:1
Efficiency (%)
44.9
35.9
Peak Gain (dBi)
4.8
3.0
Average Gain (dB)
-3.5
-4.5
Impedance (Ohm)
50
Polarization
Linear
Radiation Pattern
Omni-Directional
Max Input Power (W)
25
Connector Type
SMA-Male Standard (other connectors available)
Cable Length
300 cm Standard (any cable length available)
Cable Type
LL195 Standard (other cables available)
Cable (WIFI) Electrical Specifications
Radiation Performance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com