Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETZ4IN1 Datasheet(PDF) 1 Page - Maxtena Inc.

Part # NETZ4IN1
Description  CELLULAR/LTE/MIMO/WIFI ANTENNA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.

NETZ4IN1 Datasheet(HTML) 1 Page - Maxtena Inc.

  NETZ4IN1 Datasheet HTML 1Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 2Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 3Page - Maxtena Inc. NETZ4IN1 Datasheet HTML 4Page - Maxtena Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NETZ 4in1
CELLULAR/LTE/MIMO/WIFI ANTENNA
Maxtena Inc.
7361 Calhoun Place, Suite 102
Rockville, MD 20855
1-877-629-8362
info@maxtena.com
www.maxtena.com
WIRELESS INNOVATIONS COMPANY
Part #: 100-00142-01
The NETZ 4 in 1 is a Cellular/LTE/MIMO/WIFI technology solution by Maxtena.
The antenna features Cellular/LTE (698-960, 1710-2170, 2500-2700 MHz) and
2.4/5.0 GHz WIFI (2410-2490, 4920-5925 MHz) reception.
The 4 in 1 solution is ideal for high data throughput and streaming, video, in-
dustrial and IOT applications. The antennas advanced technology ensures con-
stant reception and transmission. The under side of the antenna contains a
foam adhesive for easy, reliable mounting. The antenna is waterproof and rated
IP69K. It is available with an SMA, FAKRA or customer specified connec-
tor and cable length.
Description
Features
• Screw Mount
• High Performance
• Rated IP67, IP69K and IK09
• Compact Size: 96 x 96 x 94 mm
• Custom Cable and Connector
Parameter
Specification
Standards
4GLTE/FirstNet/LPWA/CAT-X/CAT-Mx/CAT-NBx/NB-IoT/3G2G
Band (MHz)
700/850/900
1700/1800/1900/2100
2600
Frequency (MHz)
698-960
1710-2170
2500-2700
Return Loss (dB)
-10.6
-16.3
-13.9
VSWR
2.0:1
1.4:1
1.5:1
Efficiency (%)
45.1
47.1
46.8
Peak Gain (dBi)
0.9
3.3
4.4
Average Gain (dB)
-3.5
-3.3
-3.3
Impedance (Ohm)
50
Polarization
Linear
Radiation Pattern
Omni-Directional
Max Input Power (W)
25
Connector Type
SMA-Male Standard (other connectors available)
Cable Length
300 cm Standard (any cable length available)
Cable Type
LL195 Standard (other cables available)
Cable (LTE) Electrical Specifications
Applications
• Fleet Management
• Commercial Transport
• HD Video Monitoring
• Buses, Train & Commerical Applications
• Smart Cities


Similar Part No. - NETZ4IN1

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
NETZ5IN1-SM MAXTENA-NETZ5IN1-SM Datasheet
6Mb / 7P
CELLULAR/LTE MIMO, 2.4/5.0 GHz ISM MIMO and GNSS - Screw Mount
REV A
More results

Similar Description - NETZ4IN1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6112B0100 PULSE-W6112B0100 Datasheet
2Mb / 17P
2x2 MIMO LTE FPC ANTENNA
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
logo
TE Connectivity Ltd
1-1773963-2 TEC-1-1773963-2 Datasheet
1Mb / 2P
CEILING MOUNTED MIMO WIFI ANTENNA
logo
Maxtena Inc.
MEA-2500-SM MAXTENA-MEA-2500-SM Datasheet
3Mb / 3P
CELLULAR/LTE MIMO Screw Mount
REV A
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
Raltron Electronics Cor...
RDM-MBJ3-110053-1M-X-001 RALTRON-RDM-MBJ3-110053-1M-X-001 Datasheet
376Kb / 2P
WIFI MIMO ANTENNA
Rev. A
RDM-MBJ4-A-8116-1M-X-001 RALTRON-RDM-MBJ4-A-8116-1M-X-001 Datasheet
842Kb / 6P
GPSLTEWIFI COMBINATION ANTENNA
Rev. A
logo
AVX Corporation
1004239-001 AVX-1004239-001 Datasheet
1Mb / 6P
Broadband External LTE MIMO Antenna
9/27/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com