Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETZ5IN1-SM Datasheet(PDF) 3 Page - Maxtena Inc.

Part # NETZ5IN1-SM
Description  CELLULAR/LTE MIMO, 2.4/5.0 GHz ISM MIMO and GNSS - Screw Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.

NETZ5IN1-SM Datasheet(HTML) 3 Page - Maxtena Inc.

  NETZ5IN1-SM Datasheet HTML 1Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 2Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 3Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 4Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 5Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 6Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 7Page - Maxtena Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Mechanical Specification
Antenna Dimensions
Operating Temperature
Mounting Type
Connector
Cable
Radome
-40˚C to + 85˚C
Screw Mount
SMA-Male / SMA-Male RP Standard
LL100/LL195 Standard
ASA / White, Black
Substance Compliance
Certificates
RoHS
IP67, IP69, IK09
Specification
Parameter
Ø 96 x 90 mm
*Mounted on Metal Plate of 30 x 30 cm
Maxtena Inc.
7361 Calhoun Place, Suite 102
Rockville, MD 20855
1-877-629-8362
info@maxtena.com
www.maxtena.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com