Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETZ5IN1-SM Datasheet(PDF) 2 Page - Maxtena Inc.

Part # NETZ5IN1-SM
Description  CELLULAR/LTE MIMO, 2.4/5.0 GHz ISM MIMO and GNSS - Screw Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.

NETZ5IN1-SM Datasheet(HTML) 2 Page - Maxtena Inc.

  NETZ5IN1-SM Datasheet HTML 1Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 2Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 3Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 4Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 5Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 6Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 7Page - Maxtena Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Saw Filter
Noise Figure
50 Ω
Omni-Directional
Current Consumption
Out of Band Rejection
15 - 25 mA
32 dBc
Impendance
Polarization
Radiation Pattern
50 Ω
Linear
Omni-Directional
Max. Input Power
25 W
Frequency Range
Band
Return Loss
VSWR
Efficiency
Peak Gain
2.4 GHz
-12.6 dB
1.6:1
44.9%
4.8 dBi
Average Gain
-3.5 dB
Specification
Parameter
2410-2490 MHz
5.0 GHz
-14.4 dB
1.5:1
35.6%
3.0 dBi
-4.5 dB
4920-5925 MHz
Impendance
Polarization
Radiation Pattern
50 Ω
Linear
Omni-Directional
Max. Input Power
25 W
Frequency Range
Band
Return Loss
VSWR
Efficiency
Peak Gain
2.4 GHz
-11.5 dB
1.7:1
41.7%
4.6 dBi
Average Gain
-3.8 dB
2410-2490 MHz
5.0 GHz
-14.7 dB
1.6:1
35.7%
3.1 dBi
-4.5 dB
4920-5925 MHz
Saw Filter
Active Gain
Noise Figure
50 Ω
23 dB @ 3 V; 24dB @ 5 V
Omni-Directional
Voltage
Saw Filter
Noise Figure
Post-Filter
1.2 dB
Frequency Range
Band
Return Loss
VSWR
Impendance
Radiation Pattern
1575 MHz
≤ -14 dB
≤ 1.5:1
50 Ω
Hemispherical
Polarization
RHCP
1575.42 MHz
1602 MHz
1598-1610 MHz
Power Consumption
40.5 - 137.5 mW
2.7 - 5.5 V
Maxtena Inc.
7361 Calhoun Place, Suite 102
Rockville, MD 20855
1-877-629-8362
info@maxtena.com
www.maxtena.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com