Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETZ5IN1-SM Datasheet(PDF) 1 Page - Maxtena Inc.

Part # NETZ5IN1-SM
Description  CELLULAR/LTE MIMO, 2.4/5.0 GHz ISM MIMO and GNSS - Screw Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.

NETZ5IN1-SM Datasheet(HTML) 1 Page - Maxtena Inc.

  NETZ5IN1-SM Datasheet HTML 1Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 2Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 3Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 4Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 5Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 6Page - Maxtena Inc. NETZ5IN1-SM Datasheet HTML 7Page - Maxtena Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Part #: 100-00177-01
CELLULAR/LTE MIMO, 2.4/5.0 GHz ISM MIMO
and GNSS - Screw Mount
Description
The Netz 5in1-SMis a MIMO technology solution by Maxtena that combines two
LTE antennas, and two WiFi-ISM antennas with GNSS. Our 5 in 1 solution is ideal
for high data throughput and streaming, video, industrial and IOT applications.
It offers a low profile design with easy mounting and integrated SMA connectors.
The antenna is designed with rugged PC+ABS plastic black housing and is ideal
for the most demanding environmental challenges.
Features
Applications
Netz 5in1-SM
• LTE/Wifi/GNSS/ISM frequencies
• High performance
• MIMO technology solution
• A low profile design with easy mounting: Screw
Mount
• Ground Plane Independent
• Customizable Cable and Connector
• Dimensions: Ø 96 x H 90 mm
• IP67, IP69, IK09
• Fleet Management
• Commercial Transport
• HD Video Monitoring
• Buses, Train & Commercial Applications
• Smart Cities
Electrical Specification
Center Frequency
Band
Return Loss
VSWR
Efficiency
Peak Gain
700/850/
900 MHz
-10.6 dB
2.0:1
45.1%
-0.9 dBi
Specification
Parameter
698-960 MHz
Maxtena Inc.
7361 Calhoun Place, Suite 102
Rockville, MD 20855
1-877-629-8362
info@maxtena.com
www.maxtena.com
Average Gain
Impendance
-3.5 dB
1700/1800/
1900/2100 MHz
-16.3 dB
1.4:1
47.1%
3.3 dBi
1710-2170 MHz
-3.3 dB
2600 MHz
-13.9 dB
1.5:1
46.8%
4.3 dBi
2500-2700 MHz
-3.3 dB
50 Ω
Polarization
Radiation Pattern
Linear
Omni-Directional
Max. Input Power
25 W
Center Frequency
Band
Return Loss
VSWR
Efficiency
Peak Gain
700/850/
900 MHz
-10.9 dB
1.9:1
45.1%
1.4 dBi
698-960 MHz
Average Gain
Impendance
-3.5 dB
1700/1800/
1900/2100 MHz
-16.1 dB
1.4:1
46.6%
3.0 dBi
1710-2170 MHz
-2.8 dB
2600 MHz
-9.3 dB
2.1:1
42.1%
3.0 dBi
2500-2700 MHz
-3.8 dB
50 Ω
Polarization
Radiation Pattern
Linear
Omni-Directional
Max. Input Power
25 W


Similar Part No. - NETZ5IN1-SM

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
More results

Similar Description - NETZ5IN1-SM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
logo
Taoglas antenna solutio...
MA250ALBI001 TAOGLAS-MA250ALBI001 Datasheet
5Mb / 62P
Sentinel Adhesive Mount 3in1 LTE MIMO GNSS Antenna
logo
Maxtena Inc.
MEA-2500-SM MAXTENA-MEA-2500-SM Datasheet
3Mb / 3P
CELLULAR/LTE MIMO Screw Mount
REV A
MEA-LGI-SM MAXTENA-MEA-LGI-SM Datasheet
3Mb / 5P
CELLULAR/LTE, ISM and GNSS Screw Mount
REV A
MEA-LTE-MIMO-ISM-SM MAXTENA-MEA-LTE-MIMO-ISM-SM Datasheet
2Mb / 5P
Cellular/LTE MIMO and 915 MHz ISM Screw Mount
REV A
MEA-LW2-SM MAXTENA-MEA-LW2-SM Datasheet
1Mb / 4P
Cellular/LTE and 2.4/5.0GHz ISM screw mount antenna
REV A
MEA-LWIG-SM MAXTENA-MEA-LWIG-SM Datasheet
2Mb / 7P
5GNR, 2.4/5.0/6.0 GHz ISM, Iridium and GNSS Screw Mount
REV A
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com