Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAVLL6R Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPC5607BAVLL6R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAVLL6R Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPC5607BAVLL6R Datasheet HTML 36Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 37Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 38Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 39Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 40Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 41Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 42Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 43Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
40
4.5
Thermal characteristics
4.5.1
External ballast resistor recommendations
External ballast resistor on VDD_BV pin helps in reducing the overall power dissipation inside the device.
This resistor is required only when maximum power consumption exceeds the limit imposed by package
thermal characteristics.
As stated in Table 14 LQFP thermal characteristics, considering a thermal resistance of 144 LQFP as
48.3 °C/W, at ambient temperature TA = 125 °C, the junction temperature Tj will cross 150 °C if the total
power dissipation is greater than (150 – 125)/48.3 = 517 mW. Therefore, the total device current IDDMAX
at 125 °C/5.5 V must not exceed 94.1 mA (i.e., PD/VDD). Assuming an average IDD(VDD_HV) of
15–20 mA consumption typically during device RUN mode, the LV domain consumption IDD(VDD_BV)
is thus limited to IDDMAX –IDD(VDD_HV), i.e., 80 mA.
Therefore, respecting the maximum power allowed as explained in 4.5.2, Package thermal characteristics,
it is recommended to use this resistor only in the 125 °C/5.5 V operating corner as per the following
guidelines:
•If IDD(VDD_BV) < 80 mA, then no resistor is required.
•
If 80 mA < IDD(VDD_BV) < 90 mA, then 4 Ω resistor can be used.
•If IDD(VDD_BV) > 90 mA, then 8 Ω resistor can be used.
Using resistance in the range of 4–8
Ω, the gain will be around 10–20% of total consumption on VDD_BV.
For example, if 8
Ω resistor is used, then power consumption when IDD(VDD_BV) is 110 mA is equivalent
to power consumption when IDD(VDD_BV) is 90 mA (approximately) when resistor not used.
In order to ensure correct power up, the minimum VDD_BV to be guaranteed is 30 ms/V. If the supply ramp
is slower than this value, then LVDHV3B monitoring ballast supply VDD_BV pin gets triggered leading to
device reset. Until the supply reaches certain threshold, this low voltage detector (LVD) generates
destructive reset event in the system. This threshold depends on the maximum IDD(VDD_BV) possible
across the external resistor.
4.5.2
Package thermal characteristics
Table 14. LQFP thermal characteristics1
Symbol
C
Parameter
Conditions2
Pin count
Value
Unit
Min Typ Max
RθJA CC D Thermal resistance,
junction-to-ambient natural
convection3
Single-layer board — 1s
100
—
—
64
°C/W
144
—
—
64
176
—
—
64
Four-layer board — 2s2p
100
—
—
49.7
144
—
—
48.3
176
—
—
47.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com