Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAVLL6R Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MPC5607BAVLL6R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAVLL6R Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MPC5607BAVLL6R Datasheet HTML 82Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 83Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 84Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 85Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 86Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 87Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 88Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 89Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
86
4.17
On-chip peripherals
4.17.1
Current consumption
Table 46. On-chip peripherals current consumption1
Symbol
C
Parameter
Conditions
Typical value2 Unit
IDD_BV(CAN) CC T CAN (FlexCAN)
supply current on
VDD_BV
Bitrate:
500 Kbyte/s
Total (static + dynamic)
consumption:
• FlexCAN in loop-back
mode
• XTAL at 8 MHz used as
CAN engine clock source
• Message sending period is
580 µs
8 * fperiph + 85 µA
Bitrate:
125 Kbyte/s
8 * fperiph + 27
IDD_BV(eMIOS) CC T eMIOS supply current
on VDD_BV
Static consumption:
• eMIOS channel OFF
• Global prescaler enabled
29 * fperiph
µA
Dynamic consumption:
• It does not change varying the frequency
(0.003 mA)
3
IDD_BV(SCI) CC T SCI (LINFlex) supply
current on VDD_BV
Total (static + dynamic) consumption:
• LIN mode
• Baudrate: 20 Kbyte/s
5 * fperiph + 31 µA
IDD_BV(SPI) CC T SPI (DSPI) supply
current on VDD_BV
Ballast static consumption (only clocked)
1
µA
Ballast dynamic consumption (continuous
communication):
• Baudrate: 2 Mbit/s
• Transmission every 8 µs
• Frame: 16 bits
16 * fperiph
IDD_BV
(ADC_0/ADC_1)
CC T ADC_0/ADC_1 supply
current on VDD_BV
VDD = 5.5 V
Ballast static consumption
(no conversion)3
41 * fperiph
µA
Ballast dynamic consumption
(continuous conversion)3
46 * fperiph
IDD_HV_ADC0 CC T ADC_0 supply current
on VDD_HV_ADC0
VDD = 5.5 V
Analog static consumption
(no conversion)
200
µA
Analog dynamic consumption
(continuous conversion)
3mA
IDD_HV_ADC1 CC T ADC_1 supply current
on VDD_HV_ADC1
VDD = 5.5 V
Analog static consumption
(no conversion)
300 * fperiph
µA
Analog dynamic consumption
(continuous conversion)
4mA
IDD_HV(FLASH) CC T CFlash + DFlash
supply current on
VDD_HV
VDD = 5.5 V
—
12
mA
IDD_HV(PLL) CC T PLL supply current on
VDD_HV
VDD = 5.5 V
—
30 * fperiph
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com