Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607BAVLL6R Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC5607BAVLL6R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAVLL6R Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC5607BAVLL6R Datasheet HTML 8Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 9Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 10Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 11Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 12Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 13Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 14Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 15Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Package pinouts and signal descriptions
NXP Semiconductors
12
3.3
Pad configuration during standby mode exit
Pad configuration (input buffer enable, pull enable) for low-power wakeup pads is controlled by both the
SIUL and WKPU modules. During standby exit, all low power pads PA[0,1,2,4,15], PB[1,3,8,9,10]1,
PC[7,9,11], PD[0,1], PE[0,9,11], PF[9,11,13]2, PG[3,5,7,9]2, PI[1,3]3 are configured according to their
respective configuration done in the WKPU module. All other pads will have the same configuration as
expected after a reset.
The TDO pad has been moved into the STANDBY domain in order to allow low-power debug
handshaking in STANDBY mode. However, no pull-resistor is active on the TDO pad while in STANDBY
mode. At this time the pad is configured as an input. When no debugger is connected the TDO pad is
floating causing additional current consumption.
To avoid the extra consumption TDO must be connected. An external pull-up resistor in the range of
47–100 kOhms should be added between the TDO pin and VDD. Only if the TDO pin is used as an
application pin and a pull-up cannot be used should a pull-down resistor with the same value be used
instead between the TDO pin and GND.
3.4
Voltage supply pins
Voltage supply pins are used to provide power to the device. Three dedicated VDD_LV/VSS_LV supply
pairs are used for 1.2 V regulator stabilization.
1. PB[8, 9] ports have wakeup functionality in all modes except STANDBY.
2. PF[9,11,13], PG[3,5,7,9], PI[1,3] are not available in the 100-pin LQFP.
3. PI[1,3] are not available in the 144-pin LQFP.
Table 3. Voltage supply pin descriptions
Port pin
Function
Pin number
100 LQFP
144 LQFP
176 LQFP
208 MAPBGA
VDD_HV
Digital supply voltage
15, 37, 70, 84
19, 51, 100,
123
6, 27, 59, 85,
124, 151
C2, D9, E16,
G13, H3, N4,
N9, R5
VSS_HV
Digital ground
14, 16, 35, 69,
83
18, 20, 49, 99,
122
7, 26, 28, 57,
86, 123, 150
G7, G8, G9,
G10, H7, H8,
H9, H10, J7,
J8, J9, J10,
K7, K8, K9,
K10
VDD_LV
1.2 V decoupling pins. Decoupling
capacitor must be connected
between these pins and the nearest
VSS_LV pin.
1
19, 32, 85
23, 46, 124
31, 54, 152
D8, K4, P7
VSS_LV
1.2 V decoupling pins. Decoupling
capacitor must be connected
between these pins and the nearest
VDD_LV pin.
1
18, 33, 86
22, 47, 125
30, 55, 153
C8, J2, N7
VDD_BV
Internal regulator supply voltage
20
24
32
K3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com