Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB4005C2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LB4005C2
Description  HART Output Isolator with Shutdown Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB4005C2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LB4005C2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB4005C2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB4005C2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HART Output Isolator with Shutdown
Input
LB4005C2
< 4-channel
< Analog output module for 0/4 mA ... 20 mA
< Installation in Zone 2 or safe area
< Module can be exchanged under voltage
< HART communication via field bus or service bus
< Simulation mode for service operations (forcing)
< Line fault detection (LFD): one LED per channel
< Permanently self-monitoring
< Output with bus-independent safety shutdown
2
Function
The device drives positioners, proportional valves, I/P converters, or local indicators.
Open and short circuit line faults are detected.
The outputs can be switched off via a contact. This can be used for bus-independent safety applications.
The outputs are galvanically isolated from the bus and the power supply.
Connection
Zone 2
2-
1+
4-
3+
6-
5+
8-
7+
I
II
III
IV
Technical Data
Slots
Occupied slots
2
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 2
Supply
Connection
backplane bus
Rated voltage
Ur
12 V DC , only in connection with the power supplies LB9***
Power dissipation
2.15 W
Power consumption
3.3 W
Internal bus
Connection
backplane bus
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LB4005C2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB4005A2 PF-LB4005A2 Datasheet
652Kb / 3P
HART Output Isolator
2021-12-08
More results

Similar Description - LB4005C2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB4202B2 PF-FB4202B2 Datasheet
514Kb / 3P
HART Output Isolator
FB4202B3 PF-FB4202B3 Datasheet
729Kb / 3P
HART Output Isolator
FB4205B2 PF-FB4205B2 Datasheet
680Kb / 3P
HART Output Isolator
FB4205C2 PF-FB4205C2 Datasheet
687Kb / 3P
HART Output Isolator with Shutdown Input
FB4302B2 PF-FB4302B2 Datasheet
507Kb / 3P
HART Output Isolator
LB4102A2 PF-LB4102A2 Datasheet
517Kb / 3P
HART Output Isolator
2021-12-01
LB4102C2 PF-LB4102C2 Datasheet
540Kb / 3P
HART Output Isolator with Shutdown Input
2021-12-01
LB4105A2 PF-LB4105A2 Datasheet
653Kb / 3P
HART Output Isolator
2021-12-01
LB4105C2 PF-LB4105C2 Datasheet
178Kb / 4P
HART Output Isolator with Shutdown Input
2021-12-01
LB4106C PF-LB4106C Datasheet
606Kb / 4P
HART Output Isolator with Shutdown Input
2021-12-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com