Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB4005C2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # LB4005C2
Description  HART Output Isolator with Shutdown Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB4005C2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  LB4005C2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB4005C2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB4005C2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Interface
manufacturer-specific bus to standard com unit
Analog input
HART communication
yes
HART secondary variable
no
Analog output
Number of channels
4
Suitable field devices
Field device
Proportional Valve
Field device [2]
I/P converters
Field device [3]
on-site display
Connection
terminals 1+, 2-; 3+, 4-; 5+, 6-; 7+, 8-
Current
0 ... 25 mA short-circuit protected
Line fault detection
can be switched on/off for each channel via configuration tool , configurable via
configuration tool
Short-circuit
No
Open-circuit
deviation of preset output value > 0.5 mA
Load
750 Ω max.
HART communication
yes
HART secondary variable
yes
Watchdog
within 0.5 s the device goes in safe state, e.g. after loss of communication
Transfer characteristics
Deviation
After calibration
0.1 % of the signal range at 20 °C (68 °F)
Influence of ambient temperature
0.1 %/10 K of the signal range
Refresh time
100 ms
Indicators/settings
LED indication
Power LED (P) green: supply
Diagnostic LED (I) red: module fault , red flashing: communication error , white: fixed
parameter set (parameters from com unit are ignored) , white flashing: requests
parameters from com unit
Status LED (1-4) red: line fault (lead breakage or short circuit)
Coding
optional mechanical coding via front socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Conformity
Electromagnetic compatibility
NE 21:2007
Degree of protection
IEC 60529:2000
Environmental test
EN 60068-2-14:2009
Shock resistance
EN 60068-2-27:2009
Vibration resistance
EN 60068-2-6:2008
Damaging gas
EN 60068-2-42:2003
Relative humidity
EN 60068-2-78:2001
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F) , 70 °C (non-Ex)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 when mounted on backplane
HART Output Isolator with Shutdown Input
LB4005C2
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com