Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB4005C2 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # LB4005C2
Description  HART Output Isolator with Shutdown Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB4005C2 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  LB4005C2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB4005C2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB4005C2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 150 g
Dimensions
32.5 x 100 x 102 mm (1.28 x 3.9 x 4 inch)
Data for application in connection with hazardous areas
Certificate
BVS 12 ATEX E 115 X
Marking
1
II 3 G Ex nA [ic] IIC T4 Gc
Galvanic isolation
Output/power supply, internal bus
safe electrical isolation acc. to EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN IEC 60079-0:2018+AC:2020
EN 60079-11:2012
EN 60079-15:2010
International approvals
ATEX approval
BVS 12 ATEX E 115 X
IECEx approval
BVS 11.0068X
Approved for
Ex nAc [ic] IIC T4
General information
System information
The module has to be mounted in appropriate backplanes (LB9***) in Zone 2 or
outside hazardous areas. Here, observe the corresponding declaration of conformity.
For use in hazardous areas (e. g. Zone 2 or Zone 22) the module must be installed in
an appropriate enclosure.
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
Assembly
8
7
6
5
4
3
2
1
I
2
4
P
1
3
Ex ic
Front view
Status LED red
per channel
Power LED green
Diagnostic LED
red/white
Socket for
removable plug
green (accessory)
HART Output Isolator with Shutdown Input
LB4005C2
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com