Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M10LS500P Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLC2425M10LS500P
Description  Power LDMOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M10LS500P Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLC2425M10LS500P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BLC2425M10LS500P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 21 March 2019
3 of 10
BLC2425M10LS500P
Power LDMOS transistor
6. Characteristics
7. Test information
7.1 Ruggedness in class-AB operation
The BLC2425M10LS500P is capable of withstanding a load mismatch corresponding to
VSWR = 20 : 1 through all phases under the following conditions: VDS =32V;
IDq =20mA; PL = 500 W (CW); f = 2450 MHz.
7.2 Impedance information
[1]
ZS and ZL defined in Figure 1.
Table 6.
DC characteristics
Tj =25
°C, per section; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =2.7 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 32 V; ID = 20 mA 1.75
2.2
2.65
V
IDSS
drain leakage current
VGS = 0 V; VDS = 32 V
--4.2
μA
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
-
59.3
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
--40
nA
gfs
forward transconductance
VDS =10V; ID = 15.2 A -
21
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID = 10.64 A
-
45.5
-
m
Ω
Table 7.
RF characteristics
Test signal: CW pulsed at 2450 MHz; RF performance at VDS =32V; IDq = 10 mA per section;
Tcase =25
°C; unless otherwise specified; in a class-AB production test circuit.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 500 W
13.2
14.5 -
dB
RLin
input return loss
PL = 500 W
-
−18 −5dB
ηD
drain efficiency
PL = 500 W
64
67
-
%
Table 8.
Typical impedance
Measured load-pull data half device. Typical values unless otherwise specified. IDq =20mA;
VDS =32V.
f
ZS [1]
ZL [1]
(MHz)
(
Ω)
(
Ω)
2400
2.95
− j6.51
2.3
− j2.6
2450
4.50
− j6.95
2.1
− j2.4
2500
5.58
− j5.66
2.2
− j2.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com