Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M10LS500P Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLC2425M10LS500P
Description  Power LDMOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M10LS500P Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLC2425M10LS500P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BLC2425M10LS500P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 21 March 2019
5 of 10
BLC2425M10LS500P
Power LDMOS transistor
7.4 Graphical data
VDS = 32 V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS = 32 V; IDq = 20 mA: f = 2450 MHz; at PL(1dB).
Fig 3.
Power gain and drain efficiency as function of
output power; typical values
Fig 4.
Drain efficiency as a function of temperature;
typical values
VDS = 32 V; IDq = 20 mA: f = 2450 MHz; at PL(1dB).VDS = 32 V; IDq = 20 mA: f = 2450 MHz; at PL(1dB).
Fig 5.
Output power as a function of temperature;
typical values
Fig 6.
Power gain as a function of temperature;
typical values
amp00881
0
100
200
300
400
500
600
12
30
13
40
14
50
15
60
16
70
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
amp00882
20
30
40
50
60
70
65
66
67
68
69
T (°C)
ηD
ηD
(%)
(%)
(%)
amp00883
20
30
40
50
60
70
500
505
510
515
520
525
530
T (°C)
PL
PL
(W)
(W)
(W)
amp00884
20
30
40
50
60
70
14
14.1
14.2
14.3
14.4
14.5
14.6
T (°C)
Gp
Gp
(dB)
(dB)
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com