Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M10LS500P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLC2425M10LS500P
Description  Power LDMOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M10LS500P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLC2425M10LS500P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M10LS500P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BLC2425M10LS500P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 21 March 2019
4 of 10
BLC2425M10LS500P
Power LDMOS transistor
7.3 Test circuit
Fig 1.
Definition of transistor impedance
001aak544
gate 1
gate 2
drain 2
drain 1
ZS
ZL
Printed-Circuit Board (PCB): Rogers TC350 // RT/Duroid 5880 (outer right output side);
thickness = 0.762 mm // 1.5748 mm; top/bottom copper.
See Table 9 for a list of components.
Fig 2.
Component layout for production test circuit
Table 9.
List of components
See Figure 2 for component layout.
Component
Description
Value
Remarks
C1, C2
multilayer ceramic chip capacitor
1
μF, 50 V
SMD 1210
C3, C4, C11, C12
multilayer ceramic chip capacitor
1 nF, 50 V
SMD 0805
C5, C6, C7, C8
multilayer ceramic chip capacitor
22 pF
ATC 800A
C9, C10
multilayer ceramic chip capacitor
22 pF
ATC 800B
C13, C14
multilayer ceramic chip capacitor
4.7
μF, 50 V
SMD 1210
C15
mica capacitor
12 pF
MIN02
R1
resistor
100
Ω
SMD 1206
R2, R3
resistor
10
Ω
SMD 0603
C16, C17
electrolytic capacitor
22
μF, 63 V
C18, C19
electrolytic capacitor
470
μF, 63 V
40 mm
amp00880
40 mm
60 mm
R3
C12
C11
R2
C5
C4
C2
C14
C13
C8
C9
C10
C15
C6
C3
C1
C7
R1
C18
C19
C16
C17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com