Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXX-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 79LXX-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXX-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  79LXX-S08-R Datasheet HTML 1Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 2Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 3Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 4Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 5Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 6Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTC79LXX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R101-003,E
UTC79L05 ELECTRICAL CHARACTERISTICS
(Tj=25
°C,C1=0.33µF,Co=0.1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
Vo
VIN=-10V,Io=40mA
-4.8
-5.0
-5.2
V
Line Regulation
Vo-VIN
VIN=-7~-20V,Io=40mA
15
150
mV
Load Regulation
Vo-Io
VIN=-10V,Io=1~100mA
7
60
mV
Quiescent current
IQ
VIN=-10V,Io=40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-8~-18V, Io=40mA,
ein=1Vp-p ,f=120Hz
41
71
dB
Output Noise Voltage
VNO
VIN=-10V,
BW=10Hz~100kH,Io=40mA
120
µV
UTC79L06 ELECTRICAL CHARACTERISTICS
(Tj=25
°C,C1=0.33µF,Co=0.1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
Vo
VIN=-12V,Io=40mA
-5.76
-6.0
-6.24
V
Line Regulation
Vo-VIN
VIN=-8.5~-20V,Io=40mA
15
150
mV
Load Regulation
Vo-Io
VIN=-12V,Io=1~100mA
7
60
mV
Quiescent current
IQ
VIN=-12V,Io=40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-9~ -19V,
Io=40mA,
ein=1Vp-p ,f=120Hz
41
71
dB
Output Noise Voltage
VNO
VIN=-12V,
BW=10Hz~100kH,Io=40mA
120
µV
UTC79L08 ELECTRICAL CHARACTERISTICS
(Tj=25
°C,C1=0.33µF,Co=0.1µF, unless otherwise specified)
PARAMETER
SYMBOL
Test conditions
MIN
TYP
MAX
UNIT
Output Voltage
Vo
VIN=-14V,Io=40mA
-7.68
-8.0
-8.32
V
Line Regulation
Vo-VIN
VIN=-10.5~-23V,Io=40mA
24
175
mV
Load Regulation
Vo-Io
VIN=-14V,Io=1~100mA
10
80
mV
Quiescent current
IQ
VIN=-14V,Io=40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-11~ -21V,
Io=40mA,
ein=1Vp-p ,f=140Hz
39
68
dB
Output Noise Voltage
VNO
VIN=-14V,
BW=10Hz~100kH,Io=40mA
190
µV
UTC79L09 ELECTRICAL CHARACTERISTICS
(Tj=25
°C,C1=0.33µF,Co=0.1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
Vo
VIN=-15V,Io=40mA
-8.64
-9.0
-9.36
V
Line Regulation
Vo-VIN
VIN=-12.5~-24V,Io=40mA
27
200
mV
Load Regulation
Vo-Io
VIN=-15V,Io=1~100mA
12
90
mV
Quiescent current
IQ
VIN=-15V,Io=40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-12~ -22V,
Io=40mA,
ein=1Vp-p ,f=150Hz
37
64
dB
Output Noise Voltage
VNO
VIN=-15V,
BW=10Hz~100kH,Io=40mA
210
µV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com