Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXX-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 79LXX-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXX-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  79LXX-S08-R Datasheet HTML 1Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 2Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 3Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 4Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 5Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 6Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTC79LXX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R101-003,E
3-TERMINAL 0.1A NEGATIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 79LXX family is monolithic fixed voltage
regulator integrated circuit. They are suitable for
applications that required supply current up to
100mA.
FEATURES
*Output current up to 100mA
*Fixed output voltage of -5V, -6V, -8V, -9V,
-12V,-15V ,-18V and -24V available
*Thermal overload shutdown protection
*Short circuit current limiting
TO-92
1
SOP-8
SOT-89
1
SOP-8 : 1. Vout ; 2,3,6,7 Vin ; 5. GND;
4,8 NC
TO-92 : 1: GND 2: Input 3: Output
SOT-89: 1: GND 2: Input 3: Output
*Pb-free plating product number: 79LXXL
ORDERING INFORMATION
Note:1. xx: Output Voltage, refer to Marking Information.
Order Number
Normal
Lead free
Package
Packing
79Lxx-S08-R
79LxxL-S08-R
SOP-8
Tape Reel
79Lxx-S08-T
79LxxL-S08-T
SOP-8
Tube
79Lxx-AB3-R
79LxxL-AB3-R
SOT-89
Tape Reel
79Lxx-T92-B
79LxxL-T92-B
TO-92
Tape Box
79Lxx-T92-K
79LxxL-T92-K
TO-92
Bulk


Similar Part No. - 79LXX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79LXX-S08-R UTC-79LXX-S08-R Datasheet
224Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - 79LXX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com