Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXX-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 79LXX-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXX-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  79LXX-S08-R Datasheet HTML 1Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 2Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 3Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 4Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 5Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 6Page - Unisonic Technologies 79LXX-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTC79LXX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R101-003,E
UTC79L12 ELECTRICAL CHARACTERISTICS
(Tj=25
°C,C1=0.33µF,Co=0.1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
Vo
VIN=-19V,Io=40mA
-11.52 -12.0 -12.48
V
Line Regulation
Vo-VIN
VIN=-14.5~-27V,Io=40mA
36
250
mV
Load Regulation
Vo-Io
VIN=-19V,Io=1~100mA
16
100
mV
Quiescent current
IQ
VIN=-19V,Io=40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-15~ -25V,
Io=40mA,
ein=1Vp-p ,f=190Hz
37
64
dB
Output Noise Voltage
VNO
VIN=-19V,
BW=10Hz~100kH,Io=40mA
210
µV
UTC79L15 ELECTRICAL CHARACTERISTICS
(Tj=25
°C,C1=0.33µF,Co=0.1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
Vo
VIN=-23V,Io=40mA
-14.4 -15.0
-15.6
V
Line Regulation
Vo-VIN
VIN=-17.5~-30V,Io=40mA
45
300
mV
Load Regulation
Vo-Io
VIN=-23V,Io=1~100mA
20
150
mV
Quiescent current
IQ
VIN=-23V,Io=40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-18.5~ -28.5V,
Io=40mA,
ein=1Vp-p ,f=230Hz
34
63
dB
Output Noise Voltage
VNO
VIN=-23V,
BW=10Hz~100kH,Io=40mA
340
µV
UTC79L18 ELECTRICAL CHARACTERISTICS
(Tj=25
°C,C1=0.33µF,Co=0.1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
Vo
VIN=-27V,Io=40mA
-17.28 -18.0 -18.72
V
Line Regulation
Vo-VIN
VIN=-20.5~-33V,Io=40mA
54
300
mV
Load Regulation
Vo-Io
VIN=-27V,Io=1~100mA
23
170
mV
Quiescent current
IQ
VIN=-27V,Io=40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-23~ -33V,
Io=40mA,
ein=1Vp-p ,f=270Hz
33
60
dB
Output Noise Voltage
VNO
VIN=-27V,
BW=10Hz~100kH,Io=40mA
410
µV
UTC79L24 ELECTRICAL CHARACTERISTICS
(Tj=25
°C,C1=0.33µF,Co=0.1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
Vo
VIN=-33V,Io=40mA
-23.04 -24.0 -24.96
V
Line Regulation
Vo-VIN
VIN=-27~-38V,Io=40mA
72
350
mV
Load Regulation
Vo-Io
VIN=-33V,Io=1~100mA
30
200
mV
Quiescent current
IQ
VIN=-33V,Io=40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-29~ -35V,
Io=40mA,
ein=1Vp-p ,f=330Hz
31
55
dB
Output Noise Voltage
VNO
VIN=-33V,
BW=10Hz~100kH,Io=40mA
550
µV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com