Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF0910H9LS600 Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF0910H9LS600
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF0910H9LS600 Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF0910H9LS600 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BLF0910H9LS600
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 22 June 2018
3 of 11
BLF0910H9LS600
Power LDMOS transistor
6. Characteristics
7. Test information
7.1 Ruggedness in class-AB operation
The BLF0910H9LS600 is capable of withstanding a load mismatch corresponding to
VSWR = 10 : 1 through all phases under the following conditions: VDS = 50 V;
IDq = 90 mA; PL = 600 W (CW); tested in band with soft power ramp up across predefined
integer phase steps.
7.2 Impedance information
[1]
ZS and ZL defined in Figure 1.
Table 6.
DC characteristics
Tj = 25
°C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
V(BR)DSS drain-source breakdown voltage VGS = 0 V; ID = 4 mA
106
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 400 mA 1.5
1.9
2.5
V
IDSS
drain leakage current
VGS = 0 V; VDS = 50 V
-
-
2.8
A
IDSX
drain cut-off current
VGS = VGS(th) + 3.75 V;
VDS = 10 V
-70
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
-
-
280
nA
gfs
forward transconductance
VDS = 10 V; ID = 20 A
-
30.5
-
S
RDS(on)
drain-source on-state resistance VGS = VGS(th) + 3.75 V;
ID = 14 A
-
0.0575 -
Table 7.
RF characteristics
Test signal: CW; f = 915 MHz; RF performance at VDS = 50 V; IDq = 90 mA; Tcase = 25
°C; unless
otherwise specified; in a class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 600 W
17.7
18.6
-
dB
RLin
input return loss
PL = 600 W
-
17.7
9.0
dB
D
drain efficiency
PL = 600 W
62.0
65.7
-
%
Table 8.
Typical impedance
Measured load-pull ZS and ZL device impedances; IDq = 90 mA; VDS = 50 V; typical values unless
otherwise specified.
f
ZS [1]
ZL [1]
(MHz)
(
Ω)
(
Ω)
915
1.5
 1.6j
0.45 + 0.2j



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com