Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF0910H9LS600 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF0910H9LS600
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF0910H9LS600 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF0910H9LS600 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BLF0910H9LS600
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 22 June 2018
5 of 11
BLF0910H9LS600
Power LDMOS transistor
7.4 Graphical data
R1
chip resistor
10
MCMR06X10R0FTL
R2, R3
chip resistor
6.2
MC0125W120616R20
R4
shunt resistor
0.01
Ohmite: FC4L110R010FER
Table 9.
List of components …continued
For test circuit see Figure 2.
Component Description
Value
Remarks
VDS = 50 V; IDq = 90 mA.
(1) f = 902 MHz
(2) f = 915 MHz
(3) f = 928 MHz
VDS = 50 V; IDq = 90 mA.
(1) f = 902 MHz
(2) f = 915 MHz
(3) f = 928 MHz
Fig 3.
Power gain and drain efficiency as function of
output power; typical values
Fig 4.
Power gain and drain efficiency as function of
output power; typical values
amp00464
0
100
200
300
400
500
600
700
800
14
0
16
20
18
40
20
60
22
80
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
amp00465
48
50
52
54
56
58
60
14
0
16
20
18
40
20
60
22
80
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com