Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF0910H9LS600 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF0910H9LS600
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF0910H9LS600 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF0910H9LS600 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF0910H9LS600 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLF0910H9LS600
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 22 June 2018
4 of 11
BLF0910H9LS600
Power LDMOS transistor
7.3 Test circuit
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate
Printed-Circuit Board (PCB): Rogers TC600; thickness = 0.635 mm;
r = 6.15.
See Table 9 for a list of components.
Fig 2.
Component layout for class-AB production test circuit
Table 9.
List of components
For test circuit see Figure 2.
Component Description
Value
Remarks
C1, C3
multilayer ceramic chip capacitor
100 pF
ATC100A101JW150XT
C2, C6
multilayer ceramic chip capacitor
4.7
F, 100 V
C3225X7S2A475K200AE
C4, C7, C8
multilayer ceramic chip capacitor
51 pF
ATC100B510FW500XT
C5
electrolytic capacitor
470
F, 63 V
MAL203858471E3
68 mm
50 mm
amp00463
50 mm
C1
R4
C7
C8
C6
R3
R2
C5
R1
C2
C4
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com