Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M9LS140 Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF2425M9LS140
Description  Power LDMOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M9LS140 Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF2425M9LS140 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BLF2425M9LS140
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2016
3 of 10
BLF2425M9LS140
Power LDMOS transistor
6. Characteristics
7. Test information
7.1 Ruggedness in class-AB operation
The BLF2425M9LS140 is capable of withstanding a load mismatch corresponding to
VSWR = 10 : 1 through all phases under the following conditions: VDS =28V;
IDq =60mA; PL = 140 W (CW); f = 2450 MHz.
7.2 Impedance information
Table 6.
DC characteristics
Tj = 25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ Max Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID = 1.806 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 180.6 mA
1.5
2.08 3.1
V
IDSS
drain leakage current
VGS =0V; VDS =32V
-
-
4.2
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10 V
-36
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
420 nA
gfs
forward transconductance
VDS =10 V; ID =9A
-
13
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =6.32A
-69
-
m
Table 7.
RF characteristics
Test signal: CW; f = 2450 MHz; VDS = 28 V; IDq = 60 mA; Tcase = 25 C unless otherwise specified in
a class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 140 W
17.5
19
-
dB
RLin
input return loss
PL = 140 W
-
10
6dB
D
drain efficiency
PL = 140 W
53
58
-
%
Table 8.
Typical impedance
Measured load-pull data. Typical values unless otherwise specified. IDq =60 mA; VDS =28 V.
ZS and ZL defined in Figure 1.
f
ZS
ZL
(MHz)
(
)
(
)
2400
1.85
 j4.12
1.40
 j1.28
2450
1.81
 j5.00
1.32
 j1.48
2500
4.06
 j2.98
1.22
 j1.66



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com