Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M9LS140 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF2425M9LS140
Description  Power LDMOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M9LS140 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF2425M9LS140 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BLF2425M9LS140
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2016
4 of 10
BLF2425M9LS140
Power LDMOS transistor
7.3 Circuit information
[1]
Murata or capacitor of same quality
[2]
American Technical Ceramics type 800B or capacitor of same quality
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate
Printed-Circuit Board (PCB): Rogers 4350B;
r = 3.66; thickness = 0.762 mm;
thickness copper plating = 35
m.
See Table 9 for a list of components.
Fig 2.
Component layout for application circuit
Table 9.
List of components
For test circuit see Figure 2.
Component
Description
Value
Remarks
C1, C6
multilayer ceramic chip capacitor
10
F, 50 V
[1] Murata
C2, C5
multilayer ceramic chip capacitor
1
F, 50 V
[1] Murata
C3, C4, C7, C8
multilayer ceramic chip capacitor
10 pF
[2] ATC 800B
C9
electrolytic capacitor
1000
F, 100 V
R1
resistor
5.1
SMD 0805
C1
C4
C5 C6
C8
C9
C7
BLF2425M9LS140_INPUT
BLF2425M9LS140_OUTPUT
C3
R1
C2
aaa-021086
50 mm
50 mm
60 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com