Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M9LS140 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF2425M9LS140
Description  Power LDMOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M9LS140 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF2425M9LS140 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M9LS140 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BLF2425M9LS140
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2016
5 of 10
BLF2425M9LS140
Power LDMOS transistor
7.4 Graphical data
VDS =28V; IDq = 60 mA; f = 2450 MHz.
VDS =28V; IDq = 60 mA; f = 2450 MHz.
Fig 3.
Power gain and drain efficiency as function of
output power, typical values
Fig 4.
Power gain and drain efficiency as function of
output power, typical values
aaa-018272
40
60
80
100
120
140
160
180
035
540
10
45
15
50
20
55
25
60
30
65
PL (W)
Gp
Gp
(W)
(W)
(W)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
aaa-018273
46
47
48
49
50
51
52
53
54
035
540
10
45
15
50
20
55
25
60
30
65
PL (dBm)
Gp
Gp
(W)
(W)
(W)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com