Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF884P Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF884P
Description  UHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF884P Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF884P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BLF884P_BLF884PS#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
5 of 15
BLF884P; BLF884PS
UHF power LDMOS transistor
7. Application information
7.1 Broadband RF figures
7.1.1 DVB-T
PL(AV) = 70 W; VDS = 50 V; IDq = 0.65 A; measured in a
common source broadband test circuit as described in
Section 8.
PL(AV) = 70 W; VDS = 50 V; IDq = 0.65 A; measured in a
common source broadband test circuit as described in
Section 8.
Fig 2.
DVB-T power gain and intermodulation
distortion shoulder as function of frequency;
typical values
Fig 3.
DVB-T peak-to-average ratio and drain
efficiency as function of frequency;
typical values
f (MHz)
400
900
800
600
700
500
001aao029
16
12
20
24
Gp
(dB)
8
-30
-40
-20
-10
IMDshldr
(dBc)
-50
Gp
IMDshldr
f (MHz)
400
900
800
600
700
500
001aao030
7.5
6.5
8.5
9.5
PAR
(dB)
5.5
30
20
40
50
ηD
(%)
10
PAR
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com