Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF884P Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # BLF884P
Description  UHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF884P Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button BLF884P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 15Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BLF884P_BLF884PS#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
11 of 15
BLF884P; BLF884PS
UHF power LDMOS transistor
Fig 8.
Package outline SOT1121B
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1121B
sot1121b_po
09-12-14
12-06-07
Unit(1)
mm
max
nom
min
4.75
3.45
3.94
3.68
0.18
0.08
20.02
19.61
19.96
19.66
9.53
9.27
1.14
0.89
19.94
18.92
9.91
9.65
A
Dimensions
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. dimension is measured 0.030 inch (0.76 mm) from the body.
Earless flanged ceramic package; 4 leads
SOT1121B
bc
D
D1
EE1
9.53
9.27
FH
H1
12.83
12.57
Q
1.70
1.45
U1
20.70
20.45
U2
inches
max
nom
min
0.187
0.136
0.155
0.145
0.007
0.003
8.89
e
0.35
0.788
0.772
0.786
0.774
0.375
0.365
0.045
0.035
0.785
0.745
0.39
0.38
0.375
0.365
0.505
0.495
0.067
0.057
0.815
0.805
0.25
0.01
0.51
0.02
w2
w3
0.25
0.01
y
0
5
10 mm
scale
D
H1
U1
A
F
D1
D
E1
U2
H
w3
D
w2
Q
E
c
5
2
1
4
3
e
b
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com