Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF884P Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLF884P
Description  UHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF884P Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLF884P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF884P Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BLF884P_BLF884PS#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
6 of 15
BLF884P; BLF884PS
UHF power LDMOS transistor
7.2 Impedance information
Fig 4.
Definition of transistor impedance
Table 8.
Typical push-pull impedance
Simulated Zi and ZL device impedance; impedance info at VDS = 50 V and PL(AV) = 70 W (DVB-T).
f
Zi
ZL
MHz
300
0.984
 j3.485
8.315 + j1.246
325
1.009
 j2.805
8.236 + j1.328
350
1.038
 j2.185
8.153 + j1.406
375
1.071
 j1.614
8.066 + j1.479
400
1.107
 j1.080
7.975 + j1.547
425
1.147
 j0.574
7.880 + j1.610
450
1.193
 j0.092
7.782 + j1.667
475
1.243 + j0.373
7.682 + j1.720
500
1.300 + j0.826
7.579 + j1.767
525
1.364 + j1.270
7.474 + j1.809
550
1.436 + j1.708
7.367 + j1.846
575
1.517 + j2.144
7.258 + j1.877
600
1.609 + j2.581
7.149 + j1.903
625
1.714 + j3.022
7.038 + j1.925
650
1.834 + j3.469
6.927 + j1.941
675
1.971 + j3.925
6.815 + j1.952
700
2.129 + j4.394
6.703 + j1.958
725
2.313 + j4.879
6.591 + j1.960
750
2.528 + j5.382
6.480 + j1.956
775
2.781 + j5.907
6.368 + j1.949
800
3.081 + j6.458
6.258 + j1.937
825
3.441 + j7.038
6.148 + j1.921
850
3.875 + j7.648
6.040 + j1.901
875
4.404 + j8.291
5.932 + j1.877
900
5.057 + j8.964
5.825 + j1.849
925
5.870 + j9.659
5.720 + j1.818
950
6.892 + j10.358
5.616 + j1.783
975
8.186 + j11.019
5.514 + j1.745
1000
9.829 + j11.566
5.413 + j1.704
001aan207
gate 1
gate 2
drain 2
drain 1
Zi
ZL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com