Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55SZ Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLP5LA55SZ
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55SZ Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLP5LA55SZ Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BLP5LA55S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 16 July 2021
4 of 20
BLP5LA55S
Power LDMOS transistor
7.2 Test circuit
7.2.1 Test circuit f = 145 MHz to 165 MHz
Printed-Circuit Board (PCB): Rogers RO4350B; height = 0.762 mm.
See Table 9 for a list of components.
Fig 1.
Component layout for test circuit f = 145 MHz to 165 MHz
Table 9.
List of components
See Figure 1 for component layout.
Component
Description
Value
Remarks
C1, C5, C9
multilayer ceramic chip capacitor
100 nF
C1206C104K1RAC
C2
multilayer ceramic chip capacitor
470 pF
ATC 100B
C3
multilayer ceramic chip capacitor
43 pF
ATC 100B
C4
multilayer ceramic chip capacitor
1
F, 25 V
GRM31MR71E105KA01L
C6
multilayer ceramic chip capacitor
390 pF
ATC 100B
C7
multilayer ceramic chip capacitor
180 pF
ATC 100B
C8
multilayer ceramic chip capacitor
1 nF
ATC 100B
C10
multilayer ceramic chip capacitor
1
F, 50 V
GRM32RR71H105KA01L
C11
multilayer ceramic chip capacitor
10
F, 50 V
C12
multilayer ceramic chip capacitor
200 pF
ATC 100B
C13
multilayer ceramic chip capacitor
62 pF
ATC 100B
C14
multilayer ceramic chip capacitor
33 pF
ATC 100B
C15
multilayer ceramic chip capacitor
330 pF
ATC 100B
L1
square air core inductor
8.9 nH
0806SQ-8N9JL
L2
inductor air core
~30 nH
L3
square air core inductor
10.2 nH
0807SQ-10NJL
AMPLEON
AMPLEON
C2
C1
R1
C3
C4
C5
L2
L1
C6
L3
L4
L5
R3
C7
C8
C9
C10
C12
C13
C14
C15
L7
L6
C11
R2
50 mm
50 mm
76 mm
amp01395



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com