Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55SZ Datasheet(PDF) 12 Page - Ampleon Netherlands B.V.

Part # BLP5LA55SZ
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55SZ Datasheet(HTML) 12 Page - Ampleon Netherlands B.V.

Back Button BLP5LA55SZ Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 9Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 10Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 11Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 12Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 13Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 14Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 15Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 16Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
BLP5LA55S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 16 July 2021
12 of 20
BLP5LA55S
Power LDMOS transistor
7.3.3 1-Tone CW measurements (f = 380 MHz to 450 MHz)
VDS = 13.6 V; IDq = 80 mA; PL =55 W.
VDS = 13.6 V; IDq = 80 mA.
(1) f = 380 MHz
(2) f = 400 MHz
(3) f = 410 MHz
(4) f = 420 MHz
(5) f = 430 MHz
(6) f = 450 MHz
Fig 11. Power gain and drain efficiency as function of
frequency; typical values
Fig 12. Drain efficiency as a function of output power;
typical values
amp01405
360
380
400
420
440
460
00
20
20
40
40
60
60
80
80
f (MHz)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
amp01406
0
20
40
60
80
100
20
30
40
50
60
70
80
PL (W)
ηD
ηD
(%)
(%)
(%)
(6)
(6)
(6)
(5)
(5)
(5)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com