Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55SZ Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLP5LA55SZ
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55SZ Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLP5LA55SZ Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 9Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 10Page - Ampleon Netherlands B.V. BLP5LA55SZ Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
BLP5LA55S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 16 July 2021
7 of 20
BLP5LA55S
Power LDMOS transistor
7.2.3 Test circuit f = 520 MHz
Printed-Circuit Board (PCB): Rogers RO4350B; height = 0.762 mm.
See Table 11 for a list of components.
Fig 3.
Component layout for test circuit f = 520 MHz
Table 11.
List of components
See Figure 3 for component layout.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
6.8 pF
ATC 100B
C2
multilayer ceramic chip capacitor
20 pF
ATC 100B
C3
multilayer ceramic chip capacitor
39 pF
ATC 100A
C4
multilayer ceramic chip capacitor
43 pF
ATC 100A
C5
multilayer ceramic chip capacitor
6.2 pF
ATC 100B
C6
multilayer ceramic chip capacitor
10 pF
ATC 100B
C7
multilayer ceramic chip capacitor
15 pF
ATC 100B
C8, C12
multilayer ceramic chip capacitor
22 pF
ATC 100B
C9, C13
multilayer ceramic chip capacitor
1 nF
ATC 100B
C10, C14
multilayer ceramic chip capacitor
0.1
F
GRM21BR71H104KA01L
C11, C15
multilayer ceramic chip capacitor
1
F
GRM32RR71H105KA01L
C16
Electrolytic capacitor
1000
F,
63 V
L1
Wire wound inductor
43 nH
LQW18AN43NG80
L2
Inductor air core
~53 nH
R1
SMD
10
Size: 0603 (1608 metric)
amp01397
C1
C2
C3
C4
C5
C7
C8
C9
R1
L1
L2
C16
C6
C12
C13
C10
C11
C14
C15
106 mm
68 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com