Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080-D Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 1 Page - ATMEL Corporation

  ATAR080-D Datasheet HTML 1Page - ATMEL Corporation ATAR080-D Datasheet HTML 2Page - ATMEL Corporation ATAR080-D Datasheet HTML 3Page - ATMEL Corporation ATAR080-D Datasheet HTML 4Page - ATMEL Corporation ATAR080-D Datasheet HTML 5Page - ATMEL Corporation ATAR080-D Datasheet HTML 6Page - ATMEL Corporation ATAR080-D Datasheet HTML 7Page - ATMEL Corporation ATAR080-D Datasheet HTML 8Page - ATMEL Corporation ATAR080-D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Features/Benefits
• Very Low Power Consumption in Active, Power-down and Sleep Mode
• 2-Kbyte ROM, 256
× 4-bit RAM
• 12 Bi-directional I/Os
• Up to 6 External/Internal Interrupt Sources
• Multifunction Timer/Counter
• Programmable System-clock with Prescaler and Five Different Clock Sources
• Wide Supply-voltage Range (1.8 V to 6.5 V)
• Very Low Sleep Current (< 1 µA)
• Synchronous Serial Interface (2-wire, 3-wire)
• Watchdog, POR and Brown-out Function
• Voltage Monitoring Inclusive Lo_BAT Detection
• Flash Controller ATAM893 available (SSO20)
Description
The ATAR080 is a member of Atmel’s family of 4-bit single-chip microcontrollers. It
contains ROM, RAM, parallel I/O ports, one 8-bit programmable multifunction
timer/counter with modulator function, voltage supervision, interval timer with watch-
dog function and a sophisticated on-chip clock generation with external clock input,
integrated RC-, 32-kHz and 4-MHz crystal-oscillators.
Figure 1. Block Diagram
Voltage Monitor
External input
MARC4
4-bit CPU core
UTCM
OSC1
NRST/
OSC2
I/O bus
ROM
2 K
× 8 bit
RAM
256
× 4 bit
VSS
Data direction +
alternate function
Port 4
Port 5
Clock management
Timer 1
interval- and
watchdog timer
Timer 2
8/12-bit timer
with modulator
T2O
SD
SC
BP20/NTE
BP21
BP22
BP23
BP40
INT3
SC
BP41
VMI
T2I
BP43
INT3
SD
BP42
T2O
RC
oscillators
VMI
T2I
VDD
Brown-out
protect RESET
Crystal
oscillators
External
clock input
Data direction +
interrupt control
SSI
Serial interface
BP50
INT6
BP51
INT6
BP52
INT1
BP53
INT1
Low-current
Microcontroller
for Wireless
Communication
ATAR080
Rev. 4675D–4BMCU–12/04


Similar Part No. - ATAR080-D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
Very Low Power Consumption in Active, Power-down and Sleep Mode
More results

Similar Description - ATAR080-D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR892 ATMEL-ATAR892 Datasheet
989Kb / 100P
Low-current Microcontroller for Wireless Communication
ATAR890 ATMEL-ATAR890 Datasheet
738Kb / 75P
Low-current Microcontroller for Wireless Communication
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
Low-Current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
Low-Current Microcontroller for Wireless Communication
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
Low-current Microcontroller for Wireless Communication
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
Low-current Microcontroller for Wireless Communication
ATAR090-D ATMEL-ATAR090-D Datasheet
786Kb / 70P
Low-current Microcontroller for Wireless Communication
ATAR090 ATMEL-ATAR090 Datasheet
912Kb / 75P
Low-current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
Low-current Microcontroller for Wireless Communication
ATAR092 ATMEL-ATAR092 Datasheet
1Mb / 107P
Low-current Microcontroller for Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com