Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080-D Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 17Page - ATMEL Corporation ATAR080-D Datasheet HTML 18Page - ATMEL Corporation ATAR080-D Datasheet HTML 19Page - ATMEL Corporation ATAR080-D Datasheet HTML 20Page - ATMEL Corporation ATAR080-D Datasheet HTML 21Page - ATMEL Corporation ATAR080-D Datasheet HTML 22Page - ATMEL Corporation ATAR080-D Datasheet HTML 23Page - ATMEL Corporation ATAR080-D Datasheet HTML 24Page - ATMEL Corporation ATAR080-D Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
21
ATAR080
4675D–4BMCU–12/04
Table 9. Peripheral Addresses
Port Address
Name
Write/Read
Reset Value Register Function
Module Type
See Page
1–
Reserved
2
P2DAT
W/R
1111b
Port 2 - data register/pin data
M2
page 23
Aux.
P2CR
W
1111b
Port 2 - control register
page 23
3
SC
W
1x11b
Port 3 - system configuration register
M3
page 18
CWD
R
xxxxb
Watchdog reset
M3
page 11
Aux.
CM
W
1111b
Port 3 - clock management register
M2
page 18
4
P4DAT
W/R
1111b
Port 4 - data register/pin data
M2
page 26
Aux.
P4CR
W
1111 1111b
Port 4 - control register (byte)
page 26
5
P5DAT
W/R
1111b
Port 5 - data register/pin data
M2
page 25
Aux.
P5CR
W
1111 1111b
Port 5 - control register (byte)
page 25
6—
Reserved
7
T12SUB
W
Data to Timer 1/2 subport
M1
page 20
Subport address
0
T2C
W
0000b
Timer 2 control register
M1
page 37
1
T2M1
W
1111b
Timer 2 mode register 1
M1
page 37
2
T2M2
W
1111b
Timer 2 mode register 2
M1
page 39
3
T2CM
W
0000b
Timer 2 compare mode register
M1
page 40
4
T2CO1
W
1111b
Timer 2 compare register 1
M1
page 40
5
T2CO2
W
1111 1111b
Timer 2 compare register 2 (byte)
M1
page 40
6—
Reserved
7—
Reserved
8
T1C1
W
1111b
Timer 1 control register 1
M1
page 29
9
T1C2
W
x111b
Timer 1 control register 2
M1
page 29
A
WDC
W
1111b
Watchdog control register
M1
page 30
B-F
Reserved
8
ASW
W
1111b
Auxiliary/switch register
ASW
page 20
9
STB
W
xxxx xxxxb
Serial transmit buffer (byte)
M2
page 50
SRB
R
xxxx xxxxb
Serial receive buffer (byte)
page 50
Aux.
SIC1
W
1111b
Serial interface control register 1
page 48
A
SISC
W/R
1x11b
Serial interface status/control register
M2
page 50
Aux.
SIC2
W
1111b
Serial interface control register 2
page 49
B—
Reserved
C—
Reserved
D
RBR
W
0000b
ROM bank switch register
M3
page 6
E
Reserved
F
VMC
W
1111b
Voltage monitor control register
M3
page 12
VMST
R
xx11b
Voltage monitor status register
M3
page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com