Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080-D Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 21Page - ATMEL Corporation ATAR080-D Datasheet HTML 22Page - ATMEL Corporation ATAR080-D Datasheet HTML 23Page - ATMEL Corporation ATAR080-D Datasheet HTML 24Page - ATMEL Corporation ATAR080-D Datasheet HTML 25Page - ATMEL Corporation ATAR080-D Datasheet HTML 26Page - ATMEL Corporation ATAR080-D Datasheet HTML 27Page - ATMEL Corporation ATAR080-D Datasheet HTML 28Page - ATMEL Corporation ATAR080-D Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
25
ATAR080
4675D–4BMCU–12/04
Port 5 Data Register (P5DAT)
Port 5 Control Register (P5CR)
Byte Write
P5xM2, P5xM1 – Port 5x Interrupt Mode/Direction Code
Bi-directional Port 4
The bi-directional Port 4 is both a bitwise configurable I/O port and provides the external
pins for the Timer 2, SSI and the voltage monitor input (VMI). As a normal port, it per-
forms in exactly the same way as bi-directional Port 2 (see Figure 22 on page 22). Two
additional multiplexes allow data and port direction control to be passed over to other
internal modules (Timer 2, VM or SSI). The I/O-pins for the SC and SD lines have an
additional mode to generate an SSI-interrupt.
All four Port 4 pins can be individually switched by the P4CR-register. Figure 25 on page
26 shows the internal interfaces to bi-directional Port 4.
Primary register address: '5'hex
Bit 3Bit 2Bit 1Bit 0
P5DAT
P5DAT3
P5DAT2
P5DAT1
P5DAT0
Reset value: 1111b
Auxiliary register address: '5'hex
Bit 3
Bit 2
Bit 1
Bit 0
P5CR
First write cycle
P51M2
P51M1
P50M2
P50M1
Reset value: 1111b
Bit 7
Bit 6
Bit 5
Bit 4
Second write cycle
P53M2
P53M1
P52M2
P52M1
Reset value: 1111b
Table 11. Port 5 Control Register
Auxiliary Address: '5'hex First Write Cycle
Second Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP50 in input mode – interrupt disabled
x x 1 1
BP52 in input mode – interrupt disabled
x x 0 1
BP50 in input mode – rising edge interrupt
x x 0 1
BP52 in input mode – rising edge interrupt
x x 1 0
BP50 in input mode – falling edge interrupt
x x 1 0
BP52 in input mode – falling edge interrupt
x x 0 0
BP50 in output mode – interrupt disabled
x x 0 0
BP52 in output mode – interrupt disabled
1 1 x x
BP51 in input mode – interrupt disabled
1 1 x x
BP53 in input mode – interrupt disabled
0 1 x x
BP51 in input mode – rising edge interrupt
0 1 x x
BP53 in input mode – rising edge interrupt
1 0 x x
BP51 in input mode – falling edge interrupt
1 0 x x
BP53 in input mode – falling edge interrupt
0 0 x x
BP51 in output mode – interrupt disabled
0 0 x x
BP53 in output mode – interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com