Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2431-RTR1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2431-RTR1
Description  System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431-RTR1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2431-RTR1 Datasheet HTML 4Page - Texas Instruments CC2431-RTR1 Datasheet HTML 5Page - Texas Instruments CC2431-RTR1 Datasheet HTML 6Page - Texas Instruments CC2431-RTR1 Datasheet HTML 7Page - Texas Instruments CC2431-RTR1 Datasheet HTML 8Page - Texas Instruments CC2431-RTR1 Datasheet HTML 9Page - Texas Instruments CC2431-RTR1 Datasheet HTML 10Page - Texas Instruments CC2431-RTR1 Datasheet HTML 11Page - Texas Instruments CC2431-RTR1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CC2431
SWRS034
Page 8 of 14
n index
n
n index
n
0
1.000 16
3.375
1
1.250 17
3.500
2
1.500 18
3.625
3
1.750 19
3.750
4
1.875 20
3.875
5
2.000 21
4.000
6
2.125 22
4.125
7
2.250 23
4.250
8
2.375 24
4.375
9
2.500 25
4.500
10
2.625 26
4.625
11
2.750 27
5.000
12
2.875 28
5.500
13
3.000 29
6.000
14
3.125 30
7.000
15
3.250 31
8.000
Table 2: n parameter lookup table
The parameter n is written to the Location
Engine as an integer index in the range [0,
31] as the index is given as an integer
value with no fractional bits, e.g. the value
n = 7 is loaded as 00000111. A typical
value for n is 13.
2.1.2.1.3 Parameter Estimation
The parameters A and n can be estimated
empirically by collecting RSSI data (and
therefore path loss data) for which the
distances between the transmitting and
receiving devices are known. Figure 2 is a
scatter plot of abs(RSSI) data versus log
distance in meters. A least-squares best-fit
line is used to glean the specific values of
A and n for the environment in which the
data were measured:
A is the y-intercept of the line, and
n is the slope of the line
The data in Figure 2 give A=42.4 and
n=2.98 for that environment. Note that the
plot in this example does not show the
actual y-intercept i.e. the point on the line
where x=0.
The value of A loaded into the engine in
this case would by 42.5. The value of n
loaded into the engine, is seen to be 13
from Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com