Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2431-RTR1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2431-RTR1
Description  System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431-RTR1 Datasheet(HTML) 1 Page - Texas Instruments

  CC2431-RTR1 Datasheet HTML 1Page - Texas Instruments CC2431-RTR1 Datasheet HTML 2Page - Texas Instruments CC2431-RTR1 Datasheet HTML 3Page - Texas Instruments CC2431-RTR1 Datasheet HTML 4Page - Texas Instruments CC2431-RTR1 Datasheet HTML 5Page - Texas Instruments CC2431-RTR1 Datasheet HTML 6Page - Texas Instruments CC2431-RTR1 Datasheet HTML 7Page - Texas Instruments CC2431-RTR1 Datasheet HTML 8Page - Texas Instruments CC2431-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CC2431
SWRS034
Page 1 of 14
System-on-Chip for 2.4 GHz ZigBee™/ IEEE 802.15.4 with Location Engine
Applications
• ZigBee™ systems
• 2.4 GHz IEEE 802.15.4 systems
• Home/building automation
• Industrial Control and Monitoring
• Low power wireless sensor networks
• Access Control
• PC peripherals
• Set-top boxes and remote controls
• Consumer Electronics
• Container/Vehicle Tracking
• Active RFID
• Inventory Control
Product Description
The
CC2431 is a true System-On-Chip (SOC)
for wireless sensor networking ZigBee™ /
802.15.4 solutions with location detection
engine hardware onboard allowing location
accuracy of around 3 meters or less. It
enables ZigBee™ nodes to be built with very
low total bill-of-material costs. The
CC2431
combines the excellent performance of the
leading
CC2420 RF transceiver with an
industry-standard enhanced 8051 MCU, 128
KB flash memory, 8 KB RAM and many other
powerful features. Combined with the industry
leading ZigBee™ protocol stack (Z-Stack™)
from Figure 8 Wireless / Chipcon, the
CC2431
provides
the
market’s
most
competitive
ZigBee™ solution.
The
CC2431 is highly suited for systems where
ultra low power consumption is required. This
is achieved by various operating modes. Short
transition times between these modes further
ensure low power consumption.
Key Features
Location Engine accurately calculates the
location of a node in a network
High performance and low power 8051
microcontroller core.
2.4 GHz IEEE 802.15.4 compliant RF
transceiver (industry leading
CC2420 radio
core).
Excellent
receiver
sensitivity
and
robustness to interferers
128 KB in-system programmable flash
8 KB RAM, 4 KB with data retention in all
power modes
Powerful DMA functionality
Very few external components
Only a single crystal needed for mesh
network systems
Low current consumption (RX: 27mA, TX:
25mA, microcontroller running at 32 MHz)
Only 0.9µA current consumption in power-
down mode, where external interrupts or
the RTC can wake up the system
Less than 0.6µA current consumption in
stand-by mode, where external interrupts
can wake up the system
Very fast transition times from low-power
modes to active mode enables ultra low
average power consumption in low duty-
cycle systems
CSMA/CA hardware support
Wide supply voltage range (2.0V – 3.6V)
Digital RSSI / LQI support
Battery monitor and temperature sensor


Similar Part No. - CC2431-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2431-RTR1 TI-CC2431-RTR1 Datasheet
338Kb / 14P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
More results

Similar Description - CC2431-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2431 TI-CC2431_07 Datasheet
338Kb / 14P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
CC2431 TAOS-CC2431 Datasheet
194Kb / 16P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
logo
Texas Instruments
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com