Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2431-RTR1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2431-RTR1
Description  System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431-RTR1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2431-RTR1 Datasheet HTML 5Page - Texas Instruments CC2431-RTR1 Datasheet HTML 6Page - Texas Instruments CC2431-RTR1 Datasheet HTML 7Page - Texas Instruments CC2431-RTR1 Datasheet HTML 8Page - Texas Instruments CC2431-RTR1 Datasheet HTML 9Page - Texas Instruments CC2431-RTR1 Datasheet HTML 10Page - Texas Instruments CC2431-RTR1 Datasheet HTML 11Page - Texas Instruments CC2431-RTR1 Datasheet HTML 12Page - Texas Instruments CC2431-RTR1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CC2431
SWRS034
Page 9 of 14
2
4
6
8
10
12
14
45
50
55
60
65
70
75
80
85
90
95
10*log10(distance)
Path Loss vs. log-distance for source 0x85, Z=2.1082. A=42.4103, n=2.9773
Figure 2: Path loss vs. log distance
2.1.2.1.4 RSSI Values
The
RSSI
values
are
the
RSSI
measurements corresponding to the set of
reference coordinates. The RSSI values
are within the interval [-40 dBm, -95 dBm]
with precision 0.5 dBm. The negative sign
is removed in the value written. As an
example, in the case where the value
RSSI = -50.35 dB, this would be written
into the location engine as 50.5.
Note that a value of 0.0 must be written as
RSSI
value
for
unused
reference
coordinates. The engine will not function
correctly if only some of the parameters
are loaded.
2.1.2.2 Loading Parameters
All measured parameters are loaded into
the RF register
MEASPARM. Before writing
to
MEASPARM, a 1 must be written to the
register bit
LOCENG.PARLD to indicate
that a set of measured parameters are
being written. Once the parameter load
process commences (
LOCENG.PARLD
=1), all ten parameters must be written.
The measured parameters must be written
in the order [A, n, rssi0, rssi1, … rssi7] to
the
MEASPARM register.
Once the
parameter
load
process
commences
(
LOCENG.PARLD
=1)
it
must
be
completed. Eight RSSI values must be
written, so any unused slots must be
written as zeros. After all ten parameters
have been written, a 0 must be written to
the register bit
LOCENG.PARLD.
2.1.3
Location Estimation
The estimated location coordinates are
given in meters in the interval [0.0, 63.5]
with precision 0.5 m. The data format uses
the LSB bit as the fractional part.
When
reference
coordinates
and
measured parameters have been loaded,
the location estimate is calculated by
writing 1 to the
LOCENG.RUN register bit.
The estimated coordinates can be read
from the
LOCX and LOCY registers when
LOCENG.DONE is set to 1. This occurs
1200 system clock cycles (16/32 MHz)
after
LOCENG.RUN was set to 1. The
Location Engine does not produce any
interrupt requests.
The estimated coordinates remain valid in
the
LOCX and LOCY registers until new



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com